Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBJSERIES Datasheet(PDF) 3 Page - AVX Corporation

Part # TBJSERIES
Description  COTS-Plus ??DSCC Dwgs 07016 & 95158
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TBJSERIES Datasheet(HTML) 3 Page - AVX Corporation

  TBJSERIES Datasheet HTML 1Page - AVX Corporation TBJSERIES Datasheet HTML 2Page - AVX Corporation TBJSERIES Datasheet HTML 3Page - AVX Corporation TBJSERIES Datasheet HTML 4Page - AVX Corporation TBJSERIES Datasheet HTML 5Page - AVX Corporation TBJSERIES Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
31
TBJ Series
COTS-Plus – DSCC Dwgs 07016 & 95158
Parametric Specifications by Rating per DSCC 95158 or 07016 where applicable
Typical Ripple Data by Rating
Cap
DC Rated
ESR @
DCL max
DF Max
Power
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@ 120Hz
Voltage
100kHz
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
Dissipation
Ripple
Ripple
Ripple
Ripple
Ripple
Ripple
DSCC P/N
AVX DSCC & COTS-Plus P/N
Case
μF
V
mOhms
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
AAA
V
V
V
@ 25ºC
@ +85ºC
@ +25ºC
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
07016 001 * @ ^ +
TBJ A 336 * 004 C
# @ 0 ^ ++
A
33
4
3000
1.4
14
18
6
9
9
0.075
0.16
0.14
0.06
0.47
0.43
0.19
07016 002 * @ ^ +
TBJ A 686 * 004 C
# @ 0 ^ ++
A
68
4
1500
2.7
27
34
10
12
14
0.075
0.22
0.20
0.09
0.34
0.30
0.13
07016 003 * @ ^ +
TBJ A 107 * 004 C
# @ 0 ^ ++
A
100
4
1400
4
40
50
30
36
42
0.075
0.23
0.21
0.09
0.32
0.29
0.13
07016 004 * @ ^ +
TBJ B 107 * 004 C
# @ 0 ^ ++
B
100
4
900
4
40
50
8
10
12
0.085
0.31
0.28
0.12
0.28
0.25
0.11
07016 005 * @ ^ +
TBJ E 108 * 004 C
# @ 0 ^ ++
E
1,000
4
200
40
400
500
60
90
90
0.165
0.91
0.82
0.36
0.18
0.16
0.07
07016 006 * @ ^ +
TBJ A 335 * 006 C
# @ 0 ^ ++
A
3.3
6
8000
0.5
5669
9
0.075
0.10
0.09
0.04
0.77
0.70
0.31
07016 007 * @ ^ +
TBJ A 475 * 006 C
# @ 0 ^ ++
A
4.7
6
6000
0.5
5669
10
0.075
0.11
0.10
0.04
0.67
0.60
0.27
07016 008 * @ ^ +
TBJ A 685 * 006 C
# @ 0 ^ ++
A
6.8
6
5000
0.5
5669
10
0.075
0.12
0.11
0.05
0.61
0.55
0.24
07016 009 * @ ^ +
TBJ A 106 * 006 C
# @ 0 ^ ++
A
10
6
4000
1
10
13
6
9
10
0.075
0.14
0.12
0.05
0.55
0.49
0.22
07016 010 * @ ^ +
TBJ A 156 * 006 C
# @ 0 ^ ++
A
15
6
3500
1
10
13
6
9
10
0.075
0.15
0.13
0.06
0.51
0.46
0.20
07016 011 * @ ^ +
TBJ A 226 * 006 C
# @ 0 ^ ++
A
22
6
3000
1.4
14
18
6
9
10
0.075
0.16
0.14
0.06
0.47
0.43
0.19
07016 012 * @ ^ +
TBJ B 226 * 006 C
# @ 0 ^ ++
B
22
6
600
1.4
14
18
6
9
10
0.085
0.38
0.34
0.15
0.23
0.20
0.09
07016 013 * @ ^ +
TBJ B 336 * 006 C
# @ 0 ^ ++
B
33
6
600
2.1
21
26
6
9
10
0.085
0.38
0.34
0.15
0.23
0.20
0.09
07016 014 * @ ^ +
TBJ C 476 * 006 C
# @ 0 ^ ++
C
47
6
300
3
30
38
6
9
10
0.110
0.61
0.54
0.24
0.18
0.16
0.07
07016 015 * @ ^ +
TBJ B 686 * 006 C
# @ 0 ^ ++
B
68
6
500
4.3
43
54
8
10
12
0.085
0.41
0.37
0.16
0.21
0.19
0.08
07016 016 * @ ^ +
TBJ C 686 * 006 C
# @ 0 ^ ++
C
68
6
200
4.3
43
54
6
9
10
0.110
0.74
0.67
0.30
0.15
0.13
0.06
95158 01
*
^
TBJ D 686 * 006 C
# @ 0 ^ ++
D
68
6
175
3.3
19.8
33
4
6
6
0.150
0.93
0.83
0.37
0.16
0.15
0.06
07016 017 * @ ^ +
TBJ C 107 * 006 C
# @ 0 ^ ++
C
100
6
150
6.3
63
79
6
9
10
0.110
0.86
0.77
0.34
0.13
0.12
0.05
07016 018 * @ ^ +
TBJ C 107 * 006 L
# @ 0 ^ ++
C
100
6
75
6.3
63
79
6
9
10
0.110
1.21
1.09
0.48
0.09
0.08
0.04
07016 019 * @ ^ +
TBJ D 157 * 006 C
# @ 0 ^ ++
D
150
6
125
9.5
95
119
6
9
10
0.150
1.10
0.99
0.44
0.14
0.12
0.05
95158 02
*
^
TBJ E 157 * 006 C
# @ 0 ^ ++
E
150
6
125
7.2
43.2
72
6
8
8
0.165
1.15
1.03
0.46
0.14
0.13
0.06
07016 020 * @ ^ +
TBJ D 227 * 006 C
# @ 0 ^ ++
D
220
6
125
13.2
132
165
8
10
12
0.150
1.10
0.99
0.44
0.14
0.12
0.05
95158 25
*
^
TBJ D 227 * 006 L
# @ 0 ^ ++
D
220
6
50
13.2
132
165
8
10
12
0.150
1.73
1.56
0.69
0.09
0.08
0.03
95158 03
*
^
TBJ E 227 * 006 L
# @ 0 ^ ++
E
220
6
100
13.2
132
165
8
12
12
0.165
1.28
1.16
0.51
0.13
0.12
0.05
07016 021 * @ ^ +
TBJ E 337 * 006 C
# @ 0 ^ ++
E
330
6
150
19.8
198
248
8
10
12
0.165
1.05
0.94
0.42
0.16
0.14
0.06
07016 022 * @ ^ +
TBJ E 337 * 006 L
# @ 0 ^ ++
E
330
6
50
19.8
198
248
8
10
12
0.165
1.82
1.63
0.73
0.09
0.08
0.04
07016 023 M @ ^ +
TBJ E 477 * 006 C
# @ 0 ^ ++
E
470
6
200
29.6
296
370
10
12
14
0.165
0.91
0.82
0.36
0.18
0.16
0.07
07016 024 M @ ^ +
TBJ E 477 * 006 L
# @ 0 ^ ++
E
470
6
50
29.6
296
370
10
12
14
0.165
1.82
1.63
0.73
0.09
0.08
0.04
07016 025 * @ ^ +
TBJ V 477 * 006 L
# @ 0 ^ ++
V
470
6
40
29.6
296
370
10
12
12
0.250
2.50
2.25
1.00
0.10
0.09
0.04
07016 026 * @ ^ +
TBJ A 475 * 010 C
# @ 0 ^ ++
A
4.7
10
5000
0.5
5669
10
0.075
0.12
0.11
0.05
0.61
0.55
0.24
07016 027 * @ ^ +
TBJ A 685 * 010 C
# @ 0 ^ ++
A
6.8
10
4000
0.7
7969
10
0.075
0.14
0.12
0.05
0.55
0.49
0.22
07016 028 * @ ^ +
TBJ A 106 * 010 C
# @ 0 ^ ++
A
10
10
3000
1
10
13
6
9
10
0.075
0.16
0.14
0.06
0.47
0.43
0.19
07016 029 * @ ^ +
TBJ A 106 * 010 L
# @ 0 ^ ++
A
10
10
1800
1
10
13
6
9
10
0.075
0.20
0.18
0.08
0.37
0.33
0.15
07016 030 * @ ^ +
TBJ A 156 * 010 C
# @ 0 ^ ++
A
15
10
3200
1.6
16
20
6
9
10
0.075
0.15
0.14
0.06
0.49
0.44
0.20
07016 031 * @ ^ +
TBJ A 156 * 010 L
# @ 0 ^ ++
A
15
10
1000
1.6
16
20
6
9
10
0.075
0.27
0.25
0.11
0.27
0.25
0.11
07016 032 * @ ^ +
TBJ B 156 * 010 C
# @ 0 ^ ++
B
15
10
600
1.6
16
20
6
9
10
0.085
0.38
0.34
0.15
0.23
0.20
0.09
07016 033 * @ ^ +
TBJ B 226 * 010 C
# @ 0 ^ ++
B
22
10
700
2.2
22
28
6
9
10
0.085
0.35
0.31
0.14
0.24
0.22
0.10
07016 034 * @ ^ +
TBJ B 226 * 010 L
# @ 0 ^ ++
B
22
10
500
2.2
22
28
6
9
10
0.085
0.41
0.37
0.16
0.21
0.19
0.08
07016 035 * @ ^ +
TBJ C 226 * 010 C
# @ 0 ^ ++
C
22
10
300
2.2
22
28
6
9
10
0.110
0.61
0.54
0.24
0.18
0.16
0.07
07016 036 * @ ^ +
TBJ A 336 * 010 C
# @ 0 ^ ++
A
33
10
700
3.3
33
41
8
10
12
0.075
0.33
0.29
0.13
0.23
0.21
0.09
07016 037 * @ ^ +
TBJ B 336 * 010 C
# @ 0 ^ ++
B
33
10
650
3.3
33
41
6
9
10
0.085
0.36
0.33
0.14
0.24
0.21
0.09
07016 038 * @ ^ +
TBJ B 336 * 010 L
# @ 0 ^ ++
B
33
10
425
3.3
33
41
6
9
10
0.085
0.45
0.40
0.18
0.19
0.17
0.08
07016 039 * @ ^ +
TBJ C 336 * 010 C
# @ 0 ^ ++
C
33
10
500
3.3
33
41
6
9
10
0.110
0.47
0.42
0.19
0.23
0.21
0.09
07016 040 * @ ^ +
TBJ C 476 * 010 C
# @ 0 ^ ++
C
47
10
350
4.7
47
59
6
9
10
0.110
0.56
0.50
0.22
0.20
0.18
0.08
07016 041 * @ ^ +
TBJ C 476 * 010 L
# @ 0 ^ ++
C
47
10
200
4.7
47
59
6
9
10
0.110
0.74
0.67
0.30
0.15
0.13
0.06
95158 -04 *
^
TBJ D 476 * 010 C
# @ 0 ^ ++
D
47
10
200
3.8
22.8
38
4
6
6
0.150
0.87
0.78
0.35
0.17
0.16
0.07
07016 042 * @ ^ +
TBJ C 686 * 010 C
# @ 0 ^ ++
C
68
10
300
6.8
68
85
8
10
12
0.110
0.61
0.54
0.24
0.18
0.16
0.07
07016 043 * @ ^ +
TBJ C 686 * 010 L
# @ 0 ^ ++
C
68
10
80
6.8
68
85
8
10
12
0.110
1.17
1.06
0.47
0.09
0.08
0.04
07016 044 * @ ^ +
TBJ D 686 * 010 C
# @ 0 ^ ++
D
68
10
150
6.8
68
85
6
9
10
0.150
1.00
0.90
0.40
0.15
0.14
0.06
95158 05
*
^
TBJ E 686 * 010 C
# @ 0 ^ ++
E
68
10
150
5.4
32.4
54
4
6
6
0.165
1.05
0.94
0.42
0.16
0.14
0.06
07016 045 * @ ^ +
TBJ C 107 * 010 C
# @ 0 ^ ++
C
100
10
200
10
100
125
8
10
12
0.110
0.74
0.67
0.30
0.15
0.13
0.06
07016 046 * @ ^ +
TBJ C 107 * 010 L
# @ 0 ^ ++
C
100
10
75
10
100
125
8
10
12
0.110
1.21
1.09
0.48
0.09
0.08
0.04
95158 06
*
^
TBJ D 107 * 010 C
# @ 0 ^ ++
D
100
10
100
10
100
125
6
9
10
0.150
1.22
1.10
0.49
0.12
0.11
0.05
07016 047 * @ ^ +
TBJ D 107 * 010 L
# @ 0 ^ ++
D
100
10
50
10
100
125
6
9
10
0.150
1.73
1.56
0.69
0.09
0.08
0.03
95158 07
*
^
TBJ E 107 * 010 C
# @ 0 ^ ++
E
100
10
100
8
48
80
6
8
8
0.165
1.28
1.16
0.51
0.13
0.12
0.05
RATING & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com