Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9042AST Datasheet(PDF) 9 Page - Analog Devices

Part # AD9042AST
Description  12-Bit, 41 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042AST Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9042AST Datasheet HTML 5Page - Analog Devices AD9042AST Datasheet HTML 6Page - Analog Devices AD9042AST Datasheet HTML 7Page - Analog Devices AD9042AST Datasheet HTML 8Page - Analog Devices AD9042AST Datasheet HTML 9Page - Analog Devices AD9042AST Datasheet HTML 10Page - Analog Devices AD9042AST Datasheet HTML 11Page - Analog Devices AD9042AST Datasheet HTML 12Page - Analog Devices AD9042AST Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD9042
REV. A
–9–
SAMPLE RATE – MSPS
dc
50
5
10
15
20
25
30
35
40
45
80
70
65
60
75
AIN = 4.3MHz
SNR
WORST SPUR
85
Figure 17. SNR, Worst Harmonic vs. Encode
ENCODE DUTY CYCLE – %
25
75
30
35
40
45
50
55
60
65
70
90
65
55
45
75
85
80
70
60
50
40
35
30
ENCODE = 41 MSPS
AIN = 19.5MHz
WORST SPUR
SNR
Figure 18. SNR, Worst Spurious vs. Duty Cycle
4
0
–80
–120
–40
–100
–20
–60
ENCODE = 41 MSPS
AIN = BROADBAND_NOISE
FREQUENCY – MHz
dc
20.5
4.1
8.2
12.3
16.4
Figure 19. NPR Output Spectrum
FREQUENCY – MHz
0
–80
–120
–40
–100
–20
–60
dc
20.5
4.1
8.2
12.3
16.4
ENCODE = 41 MSPS
AIN = 15.3, 19.5MHz
Figure 14. Two Tones at 15.3 MHz & 19.5 MHz
ANALOG INPUT POWER LEVEL – dBFS
100
0
–80
0
–70
–60
–50
–40
–30
–20
–10
90
60
40
20
10
80
70
50
30
ENCODE = 41 MSPS
AIN = 19.5MHz
dBFS
dBc
SFDR = 80dB
REFERENCE LINE
Figure 15. AD9042AD Single Tone SFDR
INPUT POWER LEVEL (F1 = F2) – dBFS
100
0
–80
0
–70
–60
–50
–40
–30
–20
–10
90
60
40
20
10
80
70
50
30
ENCODE = 41 MSPS
F1 = 19.3MHz
F2 = 19.51MHz
SFDR = 80dB
REFERENCE LINE
Figure 16. AD9042AD Two Tone SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com