Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9042AST Datasheet(PDF) 23 Page - Analog Devices

Part # AD9042AST
Description  12-Bit, 41 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042AST Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9042AST Datasheet HTML 16Page - Analog Devices AD9042AST Datasheet HTML 17Page - Analog Devices AD9042AST Datasheet HTML 18Page - Analog Devices AD9042AST Datasheet HTML 19Page - Analog Devices AD9042AST Datasheet HTML 20Page - Analog Devices AD9042AST Datasheet HTML 21Page - Analog Devices AD9042AST Datasheet HTML 22Page - Analog Devices AD9042AST Datasheet HTML 23Page - Analog Devices AD9042AST Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD9042
REV. A
–23–
IF Sampling, Using the AD9042 as a Mix-Down Stage
Since performance of the AD9042 extends beyond the baseband
region into the second and third Nyquist zone, the converter
may find many uses as a mix down converter in both narrowband
and wideband applications. Many common IF frequencies exist
in this range of frequencies. If the ADC is used to sample these
signals, they will be aliased down to baseband during the sampling
process in much the same manner that a mixer will down-convert a
signal. For signals in various Nyquist zones, the following
equation may be used to determine the final frequency after
aliasing.
f
1NYQUISTS = fSAMPLE − fSIGNAL
f
2NYQUISTS = abs ( f SAMPLE − fSIGNAL )
f
3NYQUISTS = 2 × fSAMPLE − fSIGNAL
f
4NYQUISTS = abs (2 × f SAMPLE − fSIGNAL )
Using the converter to alias down these narrowband or wideband
signals has many potential benefits. First and foremost is the
elimination of a complete mixer stage, along with amplifiers,
filters and other devices, reducing cost and power dissipation.
One common example is the digitization of a 21.4 MHz IF
using a 10 MSPS sample clock. Using the equation above for
the fifth Nyquist zone, the resultant frequency after sampling is
1.4 MHz. Figure 57 shows performance under these conditions.
Even under these conditions, the AD9042 typically maintains
better than 80 dB SFDR.
FREQUENCY – MHz
0
–80
–120
–40
–100
–20
–60
dc
5.0
1.0
2.0
3.0
4.0
ENCODE = 10.0 MSPS
AIN = 21.4MHz
8
7
8
6
25
34
Figure 57. IF-Sampling a 21.4 MHz Input
RECEIVE CHAIN FOR DIGITAL BEAM-FORMING
MEDICAL ULTRASOUND USING THE AD9042
The AD9042 is an excellent digitizer for digital and analog
beam-forming medical ultrasound systems. The price/
performance ratio of the AD9042 allows ultrasound designers
the luxury of using state-of-the-art ADCs without jeopardizing
their cost budgets. ADC performance is critical for image
quality. The high dynamic range and excellent noise
performance of the AD9042 enable higher image quality
medical ultrasound systems.
Figure 58 shows the AD9042 used in one channel of the receive
chain of a medical ultrasound system. The AD604 receives its
input directly from the transducer, or from an external preamp
connected to the transducer. The AD604 contains two separate
stages. The first stage is a preamp with a fixed gain (14 dB to
20 dB) selected by a fixed resistor. The second stage is a
variable gain amplifier with the gain set by the AD7226 DAC.
The gain is increased over time to compensate for the attenu-
ation of signal level in the body.
AD9042
AD7226
AD604
LPF
AD8041
VGA
–14 TO 34dB
PRE-AMP
14 TO 20dB
TRANSDUCER/
PRE-AMP
INPUT
Figure 58. Using the AD9042 in Ultrasound Applications
Following the AD604, a low-pass filter is used to minimize the
amount of noise presented to the ADC. The AD8041 is used to
buffer the filter from the AD9042 input. This function may not
be required depending on the filter configuration and PC board
partitioning. The digital outputs of the AD9042 are then
presented to the digital system for processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com