Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9042AST Datasheet(PDF) 12 Page - Analog Devices

Part # AD9042AST
Description  12-Bit, 41 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042AST Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9042AST Datasheet HTML 8Page - Analog Devices AD9042AST Datasheet HTML 9Page - Analog Devices AD9042AST Datasheet HTML 10Page - Analog Devices AD9042AST Datasheet HTML 11Page - Analog Devices AD9042AST Datasheet HTML 12Page - Analog Devices AD9042AST Datasheet HTML 13Page - Analog Devices AD9042AST Datasheet HTML 14Page - Analog Devices AD9042AST Datasheet HTML 15Page - Analog Devices AD9042AST Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD9042
–12–
REV. A
If no TTL source is available, a clean sine wave may be
substituted. In the case of the sine source, the matching net-
work is shown below. Since the matching transformer specified
is a 1:1 impedance ratio, R, the load resistor should be selected
to match the source impedance. The input impedance of the
AD9042 is negligible in most cases.
ENCODE
ENCODE
AD9042
R
T1-1T
SINE
SOURCE
Figure 30. Sine Source – Differential Encode
If a low jitter ECL clock is available, another option is to ac-
couple a differential ECL signal to the encode input pins as
shown below. The capacitors shown here should be chip
capacitors but do not need to be of the low inductance variety.
ENCODE
ENCODE
AD9042
ECL
GATE
0.1µF
0.1µF
–VS
510
Ω
510
Ω
Figure 31. Differential ECL for Encode
As a final alternative, the ECL gate may be replaced by an ECL
comparator. The input to the comparator could then be a logic
signal or a sine signal.
ENCODE
ENCODE
AD9042
0.1µF
0.1µF
–VS
50
Ω
AD96687 (1/2)
510
Ω
510
Ω
Figure 32. ECL Comparator for Encode
Care should be taken not to overdrive the encode input pin
when ac coupled. Although the input circuitry is electrically
protected from over or under voltage conditions, improper
circuit operations may result from overdriving the encode input
pins.
Driving the Analog Input
Because the AD9042 operates off of a single +5 V supply, the
analog input range is offset from ground by 2.4 volts. The
analog input, AIN, is an operational amplifier configured in an
inverting mode (ref. Equivalent Circuits: Analog Input Stage).
VOFFSET is the noninverting input which is normally tied
through a 50 ohm resistor to VREF (ref. Equivalent Circuits:
2.4 V Reference). Since the operational amplifier forces its
inputs to the same voltage, the inverting input is also at 2.4 volts.
Therefore, the analog input has a Thevenin equivalent of 250 ohms
in series with a 2.4 volt source. It is strongly recommended
that the AD9042’s internal voltage reference be used for the
amplifier offset; this reference is designed to track internal cir-
cuit shifts over temperature.
AD9042
250
Ω
250
Ω
+2.4V
REFERENCE
AIN
THROUGH
50 OHMS
TIED TO
VREF
VOFFSET
50
Ω
0.1µF
Figure 33. Analog Input Offset by +2.4 V Reference
Although the AD9042 may be used in many applications, it was
specifically designed for communications systems which must
digitize wide signal bandwidths. As such, the analog input was
designed to be ac-coupled. Since most communications products
do not down-convert to dc, this should not pose a problem. One
example of a typical analog input circuit is shown below. In this
application, the analog input is coupled with a high quality chip
capacitor, the value of which can be chosen to provide a low
frequency cutoff that is consistent with the signal being
sampled; in most cases, a 0.1
µF chip capacitor will work well.
AD9042
0.1µF
50
Ω
ANALOG
SIGNAL
SOURCE
RT
0.1µF
AIN
VOFFSET
VREF
Figure 34. AC-Coupled Analog Input Signal
Another option for ac-coupling is a transformer. The imped-
ance ratio and frequency characteristics of the transformer are
determined by examining the characteristics of the input signal
source (transformer primary connection), and the AD9042 in-
put characteristics (transformer secondary connection). “RT”
should be chosen to satisfy termination requirements of the
source, given the transformer turns ratio. A blocking capacitor
is required to prevent AD9042 dc bias currents from flowing
through the transformer.
BPF
RT
XFMR
LO
ANALOG
SIGNAL
SOURCE
0.1µF
50
Ω
0.1µF
AD9042
AIN
VOFFSET
VREF
Figure 35. Transformer-Coupled Analog Input Signal
When calculating the proper termination resistor, note that the
external load resistor is in parallel with the AD9042 analog
input resistance, 250 ohms. The external resistor value can be
calculated from the following equation:
R
T =
1
1
Z
−
1
250
where Z is desired impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com