Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9042AST Datasheet(PDF) 15 Page - Analog Devices

Part # AD9042AST
Description  12-Bit, 41 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042AST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9042AST Datasheet HTML 11Page - Analog Devices AD9042AST Datasheet HTML 12Page - Analog Devices AD9042AST Datasheet HTML 13Page - Analog Devices AD9042AST Datasheet HTML 14Page - Analog Devices AD9042AST Datasheet HTML 15Page - Analog Devices AD9042AST Datasheet HTML 16Page - Analog Devices AD9042AST Datasheet HTML 17Page - Analog Devices AD9042AST Datasheet HTML 18Page - Analog Devices AD9042AST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD9042
REV. A
–15–
2
9
8
7
6
3
4
5
12
13
14
15
16
17
18
19
U3
74ACT574
8D
7D
5D
1D
4D
6D
3D
2D
5Q
6Q
7Q
8Q
2Q
3Q
4Q
1Q
OE
CK
B06
B07
B08
B09
B10
B11
GND
GND
11
1
BUFLAT
2
9
8
7
6
3
4
5
12
13
14
15
16
17
18
19
U4
74ACT574
8D
7D
5D
1D
4D
6D
3D
2D
5Q
6Q
7Q
8Q
2Q
3Q
4Q
1Q
OE
CK
B00
B01
B02
B03
B04
B05
GND
GND
11
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
+5V
B11
B10
B09
B08
B07
B06
B05
B04
B03
B02
B01
B00
GND
GND
GND
GND
GND
H40DM
J3
NC = NO CONNECT
GND
GND
+5V
+5V
+5VA
3
2
1
4
6
T1
T1–1T
R15
100
Ω
U1
K1115
14
7
8
VCC
VEE
C14
0.1µF
+5VA
1
2
3
U5
74AS00
5
6
U5
74AS00
4
BUFLAT
BNC
J1
BNC
J2
R1
60.4
Ω
R14
49.9
Ω
+5VA
GND
+5VA
GND
GND1
C3
0.1µF
C2
0.1µF
OUT
1 : 1
C1
0.01µF
GND
+5V
C6
10µF
+
C7
0.1µF
C11
0.1µF
C12
0.1µF
C13
0.1µF
C15
0.1µF
C16
0.1µF
+5VA
C4
10µF
+
C8
0.1µF
C9
0.1µF
C17
0.1µF
3
4
5
6
7
1
2
10
11
8
9
40
39
38
41
42
43
44
36
35
34
37
29
30
31
32
33
27
28
25
26
23
24
12 13
14 15
16 17
18
19 20
21 22
D8
D7
D6
D5
D4
D3
D2
U2
AD9042
DV
CC
DV
CC
ENCODE
ENCODE
GND
GND
AIN
V
OFFSET
V
REF
C1
AV
CC
D1
D0
GND
NC
R2
499
Ω
R3
499
Ω
R4
499
Ω
R7
499
Ω
R6
499
Ω
R5
499
Ω
R13
499
Ω
R12
499
Ω
R11
499
Ω
R10
499
Ω
R9
499
Ω
R8
499
Ω
C18
0.01µF
Figure 38. AD9042ST/PCB Schematic
Table II. AD9042ST/PCB Bill of Material
Item
Quantity
Reference
Description
1
2
+5VA, GND
Banana Jack
2
10
C2–C3, C7–C9, C11–C17
Ceramic Chip Capacitor 0805, 0.1
µF
3
2
C4, C6
Tantalum Chip Capacitor 10
µF
4
1
J3
40-Pin Double Row Male Header
5
2
J1, J2
BNC Coaxial PCB Connector
6
1
R1
Surface Mount Resistor 1206, 60.4 ohms
7
12
R2–R13
Surface Mount Resistor 1206, 499 ohms
8
1
R14
Surface Mount Resistor 1206, 49.9 ohms
9
1
R15
Surface Mount Resistor 1206, 100 ohms
10
1
T1
Surface Mount Transformer Mini-Circuits T1–1T
11
1
U1
40.96 MHz Clock Oscillator
12
1
U2
AD9042AST 12-Bit–41 MSPS ADC Converter
13
2
U3, U4
74ACT574 Octal Latch
14
1
U5
74AS00 Quad Two Input NAND Gate
15
1
C1, C18
Ceramic Chip Capacitor 0805, 0.01
µF AVX05085C103MA15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com