Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9042AST Datasheet(PDF) 11 Page - Analog Devices

Part # AD9042AST
Description  12-Bit, 41 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042AST Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9042AST Datasheet HTML 7Page - Analog Devices AD9042AST Datasheet HTML 8Page - Analog Devices AD9042AST Datasheet HTML 9Page - Analog Devices AD9042AST Datasheet HTML 10Page - Analog Devices AD9042AST Datasheet HTML 11Page - Analog Devices AD9042AST Datasheet HTML 12Page - Analog Devices AD9042AST Datasheet HTML 13Page - Analog Devices AD9042AST Datasheet HTML 14Page - Analog Devices AD9042AST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD9042
REV. A
–11–
THEORY OF OPERATION
The AD9042 analog-to-digital converter (ADC) employs a two-
stage subrange architecture. This design approach ensures
12-bit accuracy, without the need for laser trim, at low power.
As shown in the functional block diagram, the 1 V p-p single-
ended analog input, centered at 2.4 V, drives a single-in to
differential-out amplifier, A1. The output of A1 drives the first
track-and-hold, TH1. The high state of the ENCODE pulse
places TH1 in hold mode. The held value of TH1 is applied to
the input of the 6-bit coarse ADC. The digital output of the
coarse ADC drives a 6-bit DAC; the DAC is 12 bits accurate.
The output of the 6-bit DAC is subtracted from the delayed
analog signal at the input to TH3 to generate a residue signal.
TH2 is used as an analog pipeline to null out the digital delay of
the coarse ADC.
The residue signal is passed to TH3 on a subsequent clock cycle
where the signal is amplified by the residue amplifier, A2, and
converted to a digital word by the 7-bit residue ADC. One bit
of overlap is used to accommodate any linearity errors in the
coarse ADC.
The 6-bit coarse ADC word and 7-bit residue word are added
together and corrected in the digital error correction logic to
generate the output word. The result is a 12-bit parallel digital
word which is CMOS-compatible, coded as twos complement.
APPLYING THE AD9042
Encoding the AD9042
The AD9042 is designed to interface with TTL and CMOS
logic families. The source used to drive the ENCODE pin(s)
must be clean and free from jitter. Sources with excessive jitter
will limit SNR (ref. Equation 1 under “Noise Floor and SNR”).
0.01µF
TTL OR CMOS
SOURCE
ENCODE
ENCODE
AD9042
Figure 26. Single-Ended TTL /CMOS Encode
The AD9042 encode inputs are connected to a differential input
stage (see Figure 3 under EQUIVALENT CIRCUITS). With
no input connected to either the ENCODE or input, the voltage
dividers bias the inputs to 1.6 volts. For TTL or CMOS usage,
the encode source should be connected to ENCODE.
ENCODE
should be decoupled using a low inductance or
microwave chip capacitor to ground. Devices such as AVX
05085C103MA15, a 0.01
µF capacitor, work well.
If a logic threshold other than the nominal 1.6 V is required, the
following equations show how to use an external resistor, RX, to
raise or lower the trip point (see Figure 3; R1 = 17k, R2 = 8k).
V
1 =
5R
2RX
R
1R2 + R1RX + R2RX
to lower logic threshold.
0.01µF
ENCODE
SOURCE
ENCODE
ENCODE
AD9042
RX
Vl
+5V
R1
R2
Figure 27. Lower Logic Threshold for Encode
V
1 =
5R
2
R
2 +
R
1RX
R
1 + RX
to raise logic threshold.
0.01µF
ENCODE
SOURCE
ENCODE
ENCODE
AD9042
RX
Vl
+5V
R1
R2
AVCC
Figure 28. Raise Logic Threshold for Encode
While the single-ended encode will work well for many
applications, driving the encode differentially will provide
increased performance. Depending on circuit layout and system
noise, a 1 dB to 3 dB improvement in SNR can be realized. It is
not recommended that differential TTL logic be used however,
because most TTL families that support complementary
outputs are not delay or slew rate matched. Instead, it is
recommended that the encode signal be ac-coupled into the
ENCODE and ENCODE pins.
The simplest option is shown below. The low jitter TTL signal
is coupled with a limiting resistor, typically 100 ohms, to the
primary side of an RF transformer (these transformers are
inexpensive and readily available; part# in Figure 29 is from
Mini-Circuits). The secondary side is connected to the
ENCODE and ENCODE pins of the converter. Since both
encode inputs are self biased, no additional components are
required.
TTL
ENCODE
ENCODE
AD9042
100
Ω
T1-1T
Figure 29. TTL Source – Differential Encode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com