Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9260EB
Description  High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260EB Datasheet(HTML) 5 Page - Analog Devices

  AD9260EB Datasheet HTML 1Page - Analog Devices AD9260EB Datasheet HTML 2Page - Analog Devices AD9260EB Datasheet HTML 3Page - Analog Devices AD9260EB Datasheet HTML 4Page - Analog Devices AD9260EB Datasheet HTML 5Page - Analog Devices AD9260EB Datasheet HTML 6Page - Analog Devices AD9260EB Datasheet HTML 7Page - Analog Devices AD9260EB Datasheet HTML 8Page - Analog Devices AD9260EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
–5–
REV. B
AD9260
DIGITAL FILTER CHARACTERISTICS
Parameter
AD9260
Units
8
× DECIMATION (N = 8)
Passband Ripple
0.00125
dB max
Stopband Attenuation
82.5
dB min
Passband
0
MHz min
0.605
× (f
CLOCK/20 MHz)
MHz max
Stopband
1.870
× (fCLOCK/20 MHz)
MHz min
18.130
× (fCLOCK/20 MHz)
MHz max
Passband/Transition Band Frequency
(–0.1 dB Point)
0.807
× (fCLOCK/20 MHz)
MHz max
(–3.0 dB Point)
1.136
× (fCLOCK/20 MHz)
MHz max
Absolute Group Delay1
13.55
× (20 MHz/f
CLOCK)
µs max
Group Delay Variation
0
µs max
Settling Time (to
±0.0007%)1
24.2
× (20 MHz/fCLOCK)
µs max
4
× DECIMATION (N = 4)
Passband Ripple
0.001
dB max
Stopband Attenuation
82.5
dB min
Passband
0
MHz min
1.24
× (fCLOCK/20 MHz)
MHz max
Stopband
3.75
× (f
CLOCK/20 MHz)
MHz min
16.25
× (fCLOCK/20 MHz)
MHz max
Passband/Transition Band Frequency
(–0.1 dB Point)
1.61
× (f
CLOCK/20 MHz)
MHz max
(–3.0 dB Point)
2.272
× (fCLOCK/20 MHz)
MHz max
Absolute Group Delay
1
2.90
× (20 MHz/fCLOCK)
µs max
Group Delay Variation
0
µs max
Settling Time (to
±0.0007%)1
5.05
× (20 MHz/fCLOCK)
µs max
2
× DECIMATION (N = 2)
Passband Ripple
0.0005
dB max
Stopband Attenuation
85.5
dB min
Passband
0
MHz min
2.491
× (fCLOCK/20 MHz)
MHz max
Stopband
7.519
× (fCLOCK/20 MHz)
MHz min
12.481
× (f
CLOCK/20 MHz)
MHz max
Passband/Transition Band Frequency
(–0.1 dB Point)
3.231
× (fCLOCK/20 MHz)
MHz max
(–3.0 dB Point)
4.535
× (f
CLOCK/20 MHz)
MHz max
Absolute Group Delay
1
0.80
× (20 MHz/fCLOCK)
µs max
Group Delay Variation
0
µs max
Settling Time (to
±0.0007%)1
1.40
× (20 MHz/f
CLOCK)
µs max
1
× DECIMATION (N = 1)
Propagation Delay: tPROP
13
ns max
Absolute Group Delay
(225
× (20 MHz/fCLOCK)) + tPROP
ns max
NOTES
1To determine “overall” Absolute Group Delay and/or Settling Time inclusive of delay from the sigma-delta modulator, add Absolute Group Delay and/or Settling
Time pertaining to specific decimation mode to the Absolute Group Delay specified in 1
× decimation.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com