Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260EB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9260EB
Description  High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260EB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9260EB Datasheet HTML 5Page - Analog Devices AD9260EB Datasheet HTML 6Page - Analog Devices AD9260EB Datasheet HTML 7Page - Analog Devices AD9260EB Datasheet HTML 8Page - Analog Devices AD9260EB Datasheet HTML 9Page - Analog Devices AD9260EB Datasheet HTML 10Page - Analog Devices AD9260EB Datasheet HTML 11Page - Analog Devices AD9260EB Datasheet HTML 12Page - Analog Devices AD9260EB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
–9–
REV. B
AD9260
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9260 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
*
AD9260AS
–40
°C to +85°C
44-Lead MQFP
S-44
AD9260EB
Evaluation Board
*S = Metric Quad Flatpack.
THERMAL CHARACTERISTICS
Thermal Resistance
44-Lead MQFP
θJA = 53.2°C/W
θ
JC = 19
°C/W
ABSOLUTE MAXIMUM RATINGS
*
With
Respect
Parameter
to
Min
Max
Units
AVDD
AVSS
–0.3
+6.5
V
DVDD
DVSS
–0.3
+6.5
V
AVSS
DVSS
–0.3
+0.3
V
AVDD
DVDD
–6.5
+6.5
V
DRVDD
DRVSS
–0.3
+6.5
V
DRVSS
AVSS
–0.3
+0.3
V
REFCOM
AVSS
–0.3
+0.3
V
CLK, MODE, READ,
CS, RESET
DVSS
–0.3
DVDD + 0.3
V
Digital Outputs
DRVSS
–0.3
DRVDD + 0.3 V
VINA, VINB,
CML, BIAS
AVSS
–0.3
AVDD + 0.3
V
VREF
AVSS
–0.3
AVDD + 0.3
V
SENSE
AVSS
–0.3
AVDD + 0.3
V
CAPB, CAPT
AVSS
–0.3
AVDD + 0.3
V
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
(10 sec)
+300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may effect device reliability.
WARNING!
ESD SENSITIVE DEVICE
SWITCHING SPECIFICATIONS
Parameters
Symbol
AD9260
Units
Clock Period
tC
50
ns min
Data Available (DAV) Period
tDAV
tC
× Mode
ns min
Data Invalid
tDI
40% tDAV
ns max
Data Setup Time
tDS
tDAV –tH–tDI
ns min
Clock Pulsewidth High
tCH
22.5
ns min
Clock Pulsewidth Low
tCL
22.5
ns min
Data Hold Time
tH
3.5
ns min
RESET to DAV Delay
tRES–DAV
10
ns typ
CLOCK to DAV Delay
tCLK–DAV
15
ns typ
Three-State Output Disable Time
tOD
8
ns typ
Three-State Output Enable Time
tOE
45
ns typ
Specifications subject to change without notice.
(AVDD = +5 V, DVDD = +5 V, CL = 20 pF, TMIN to TMAX unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com