Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260EB Datasheet(PDF) 27 Page - Analog Devices

Part # AD9260EB
Description  High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260EB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9260EB Datasheet HTML 23Page - Analog Devices AD9260EB Datasheet HTML 24Page - Analog Devices AD9260EB Datasheet HTML 25Page - Analog Devices AD9260EB Datasheet HTML 26Page - Analog Devices AD9260EB Datasheet HTML 27Page - Analog Devices AD9260EB Datasheet HTML 28Page - Analog Devices AD9260EB Datasheet HTML 29Page - Analog Devices AD9260EB Datasheet HTML 30Page - Analog Devices AD9260EB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
AD9260
–27–
REV. B
The scaling is accomplished by properly attaching an external
resistor to the BIAS pin of the AD9260 as shown in Table IX.
REXT is normally 2 k
Ω for a clock speed of 20 MHz and scales
inversely with clock rate. Because BIAS is an external pin, mini-
mization of capacitance to this pin is recommended in order to
prevent instability of the bias pin amplifier.
AVDD
4R
3R
2R
R
MODE PIN
AVSS
LATCH
CLOCK
ENCODED MODE
Figure 62. Simplified Mode Pin Circuitry
BIAS CURRENT
REXT
BIAS PIN
1V
Figure 63. Simplified Bias Pin Circuitry
POWER DISSIPATION CONSIDERATIONS
The power dissipation of the AD9260 is dependent on its
application-specific configuration and operating conditions.
The analog power dissipation as shown in Figure 64 is primarily
a function of its power bias setting and sample rate. It remains
insensitive to the particular input waveform being digitized or
digital filter MODE setting. The digital power dissipation is
primarily a function of the digital supply setting (i.e., +3 V to
+5 V), the sample rate and, to a lesser extent, the MODE setting
and input waveform. Figures 65a and 65b show the total current
dissipation of the “combined” digital (DVDD) and digital driver
supply (DRVDD) for +3 V and +5 V supplies. Note, DVDD
and DRVDD are typically derived from the same supply bus
since no degradation in performance results. A 1 MHz full-
scale sine wave was used to ensure maximum digital activity in
the digital filters and the digital drivers had a fanout of one.
Note also that a twofold decrease in digital supply current re-
sults when the digital supply is reduced form +5 V to +3 V.
SAMPLE RATE – MSPS
5
30
70
90
110
130
10
15
20
50
FULL BIAS-2k
HALF BIAS-4k
QUARTER BIAS-8k
Figure 64. IAVDD vs. Sample Rate (AVDD = +5 V,
Mode 1
×–4×)
8
2
4
1
SAMPLE RATE – MSPS
5
6
10
12
14
16
10
15
20
8
4
2
0
Figure 65a. IDVDD/IDRVDD vs. Sample Rate (DVDD = DRVDD =
3 V, fIN = 1 MHz)
8
2
4
1
SAMPLE RATE – MSPS
5
10
20
25
30
10
15
20
15
5
0
Figure 65b. IDVDD/IDRVDD vs. Sample Rate (DVDD = DRVDD
= 5 V, fIN = 1 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com