Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260EB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9260EB
Description  High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260EB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9260EB Datasheet HTML 21Page - Analog Devices AD9260EB Datasheet HTML 22Page - Analog Devices AD9260EB Datasheet HTML 23Page - Analog Devices AD9260EB Datasheet HTML 24Page - Analog Devices AD9260EB Datasheet HTML 25Page - Analog Devices AD9260EB Datasheet HTML 26Page - Analog Devices AD9260EB Datasheet HTML 27Page - Analog Devices AD9260EB Datasheet HTML 28Page - Analog Devices AD9260EB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
AD9260
–25–
REV. B
0.1 F
CAPT
CAPB
AD9260
+
0.1 F
0.1 F
10 F
+
10 F
0.1 F
VREF
SENSE
REFCOM
Figure 61. Recommended Reference Decoupling Network
DIGITAL INPUTS AND OUTPUTS
Digital Outputs
The AD9260 output data is presented in a twos complement
format. Table V indicates the output data formats for various
input ranges and decimation modes. A straight binary output
data format can be created by inverting the MSB.
Table V. Output Data Format
Input (V)
Condition (V)
Digital Output
8
Decimation Mode
VINA–VINB
< –0.8
× VREF
1000 0000 0000 0000
VINA–VINB
= –0.8
× VREF
1000 0000 0000 0000
VINA–VINB
= 0
0000 0000 0000 0000
VINA–VINB
= +0.8
× VREF – 1 LSB
0111 1111 1111 1111
VINA–VINB
>= + 0.8
× VREF
0111 1111 1111 1111
4
Decimation Mode
VINA–VINB
< –0.825
× VREF
1000 0001 0001 1100
VINA–VINB
= –0.825
× VREF
1000 0001 0000 1100
VINA–VINB
= 0
0000 0000 0000 0000
VINA–VINB
= +0.825
× VREF – 1 LSB 0111 1110 1110 0011
VINA–VINB
>= + 0.825
× VREF
0111 1110 1110 0011
2
Decimation Mode
VINA–VINB
< –0.825
× VREF
1000 0000 0100 0001
VINA–VINB
= –0.825
× VREF
1000 0000 0100 0001
VINA–VINB
= 0
0000 0000 0000 0000
VINA–VINB
= +0.825
× VREF – 1 LSB 0111 1111 1011 1110
VINA–VINB
>= + 0.825
× VREF
0111 1111 1011 1110
The slight different
± full-scale input voltage conditions and
their corresponding digital output code for the 4
× and 2× deci-
mation modes can be attributed to the different digital scaling
factors applied to each of the AD9260’s FIR decimation stages
for filter optimization purposes. Thus, a + full-scale reading of
0111 1111 1111 1111 and – full-scale reading of 1000 0000
0000 0000 is unachievable in the 2
× and 4× decimation mode.
As a result, a digital overrange condition can never exist in the
2
× and 4× decimation mode and thus OTR being set high indi-
cates an overrange condition in the analog modulator.
The output data format in 1
× decimation differs from that in 2×,
4
× and 8× decimation modes. In 1× decimation mode the out-
put data remains in a twos complement format, but the digital
numbers are scaled by a factor of 7/128. This factor of 7/128 is
the product of an internal scale factor of 7/8 in the analog modula-
tor and a 1/16 scale factor caused by LSB justification of the
12-bit modulator data.
CS AND READ PINS
The
CS and READ pins control the state of the output data
pins (BIT1–BIT16) on the AD9260. The
CS pin is active low
and the READ pin is active high. When
CS and READ are
both active the ADC data is driven on the output data pins,
otherwise the output data pins are in a high-impedance (Hi-Z)
state. Table VI indicates the relationship between the
CS and
READ pins and the state of Pins Bit 1–Bit 16.
Table VI.
CS and READ Pin Functionality
CS
READ
Condition of Data Output Pins
Low
Low
Data Output Pins in Hi-Z State
Low
High
ADC Data on Output Pins
High
Low
Data Output Pins in Hi-Z State
High
High
Data Output Pins in Hi-Z State
DAV PIN
The DAV pin indicates when the output data of the AD9260 is
valid. Digital output data is updated on the rising edge of DAV.
The data hold time (tH) is dependent on the external loading of
DAV and the digital data output pins (BIT1–BIT16) as well as
the particular decimation mode. The internal DAV driver is
sized to be larger than the drivers pertaining to the digital data
outputs to ensure that rising edge of DAV occurs before the
data transitions under similar loading conditions (i.e., fanout)
regardless of mode. Note that minimum data hold (tH) of 3.5 ns
is specified in the Figure 4 timing diagram from the 50% point
of DAV’s rising edge to the 50% of data transition using a ca-
pacitive load of 20 pF for DAV and BIT1–BIT16. Applications
interfacing to TTL logic and/or having larger capacitive loading
for DAV than BIT1–BIT16 should consider latching data on
the falling edge of DAV since the falling edge of DAV occurs
well after the data has transitioned in the case of the 2
×, 4× and
8
× modes. The duty cycle of DAV is approximately 50% and it
remains active independent of
CS and READ.
RESET PIN
The
RESET pin is an asynchronous digital input that is active
low. Upon asserting
RESET low, the clocks in the digital deci-
mation filters are disabled, the DAV pin goes low and the data
on the digital output data pins (Bit 1–Bit 16) is invalid. In addi-
tion, the analog modulator in the AD9260 and internal clock
dividers used in the decimation filters are reset and will remain
reset as long as
RESET is maintained low. In the 2
×, 4×, or 8×
mode, the
RESET must remain low for at least a clock period to
ensure all the clock dividers and analog modulator are reset.
Upon bringing
RESET high, the internal clock dividers will
begin to count again on the next falling edge of CLK and DAV
will go high approximately 15 ns after this falling edge, resuming
normal operation. Refer to Figure 4b for a timing diagram.
The state of the internal decimation filters in the AD9260
remains unchanged when
RESET is asserted low. Conse-
quently, when
RESET is pulsed low, this resets the analog
modulator but does not clear all the data in the digital filters.
The data in the filters is corrupted by the effect of resetting the
analog modulator (this causes an abrupt change at the input of
the digital filter and this change is unrelated to the signal at the
input of the A/D converter). Similarly, in multiplexed applica-
tions in which the input of the A/D converters sees an abrupt
change, the data in the analog modulator and digital filter will
be corrupted.
For this reason, following a pulse on the
RESET pin, or change
in channels (i.e., multiplexed applications only), the decimation
filters must be flushed of their data. These filters have a memory
length, hence delay, equal to the number of filter taps times
the clock rate of the converter. This memory length may be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com