Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9260EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9260EB
Description  High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9260EB Datasheet(HTML) 1 Page - Analog Devices

  AD9260EB Datasheet HTML 1Page - Analog Devices AD9260EB Datasheet HTML 2Page - Analog Devices AD9260EB Datasheet HTML 3Page - Analog Devices AD9260EB Datasheet HTML 4Page - Analog Devices AD9260EB Datasheet HTML 5Page - Analog Devices AD9260EB Datasheet HTML 6Page - Analog Devices AD9260EB Datasheet HTML 7Page - Analog Devices AD9260EB Datasheet HTML 8Page - Analog Devices AD9260EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9260
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
High-Speed Oversampling CMOS
ADC with 16-Bit Resolution
at a 2.5 MHz Output Word Rate
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Monolithic 16-Bit, Oversampled A/D Converter
8
Oversampling Mode, 20 MSPS Clock
2.5 MHz Output Word Rate
1.01 MHz Signal Passband w/0.004 dB Ripple
Signal-to-Noise Ratio: 88.5 dB
Total Harmonic Distortion: –96 dB
Spurious Free Dynamic Range: 100 dB
Input Referred Noise: 0.6 LSB
Selectable Oversampling Ratio: 1 , 2 , 4 , 8
Selectable Power Dissipation: 150 mW to 585 mW
85 dB Stopband Attenuation
0.004 dB Passband Ripple
Linear Phase
Single +5 V Analog Supply, +5 V/+3 V Digital Supply
Synchronize Capability for Parallel ADC Interface
Twos-Complement Output Data
44-Lead MQFP
PRODUCT DESCRIPTION
The AD9260 is a 16-bit, high-speed oversampled analog-to-
digital converter (ADC) that offers exceptional dynamic range
over a wide bandwidth. The AD9260 is manufactured on an
advanced CMOS process. High dynamic range is achieved with
an oversampling ratio of 8
× through the use of a proprietary
technique that combines the advantages of sigma-delta and
pipeline converter technologies.
The AD9260 is a switched-capacitor ADC with a nominal full-
scale input range of 4 V. It offers a differential input with 60 dB
of common-mode rejection of common-mode signals. The sig-
nal range of each differential input is
±1 V centered on a 2.0 V
common-mode level.
The on-chip decimation filter is configured for maximum per-
formance and flexibility. A series of three half-band FIR filter
stages provide 8
× decimation filtering with 85 dB of stopband
attenuation and 0.004 dB of passband ripple. An onboard digi-
tal multiplexer allows the user to access data from the various
stages of the decimation filter.
The on-chip programmable reference and reference buffer am-
plifier are configured for maximum accuracy and flexibility. An
external reference can also be chosen to suit the user’s specific
dc accuracy and drift requirements.
The AD9260 operates on a single +5 V supply, typically con-
suming 585 mW of power. A power scaling circuit is provided
allowing the AD9260 to operate at power consumption levels as
low as 150 mW at reduced clock and data rates. The AD9260 is
available in a 44-lead MQFP package and is specified to operate
over the industrial temperature range.
PRODUCT HIGHLIGHTS
The AD9260 is fabricated on a very cost effective CMOS
process. High-speed, precision mixed-signal analog circuits are
combined with high-density digital filter circuits.
The AD9260 offers a complete single-chip 16-bit sampling
ADC with a 2.5 MHz output data rate in a 44-lead MQFP.
Selectable Internal Decimation Filtering—The AD9260
provides a high-performance decimation filter with 0.004 dB
passband ripple and 85 dB of stopband attenuation. The filter
is configurable with options for 1
×, 2×, 4×, and 8× decimation.
Power Scaling—The AD9260 consumes a low 585 mW of power
at 16-bit resolution and 2.5 MHz output data rate. Its power
can be scaled down to as low as 150 mW at reduced clock rates.
Single Supply— Both of the analog and digital portions of the
AD9260 can operate off of a single +5 V supply simplifying
system power supply design. The digital logic will also accom-
modate a single +3 V supply for reduced power.
MULTIBIT
SIGMA-DELTA
MODULATOR
RESET/
SYNC
12-BIT: 20MHz
DIGITAL
DEMODULATOR
STAGE 1:2X
DECIMATION
FILTER
STAGE 3:2X
DECIMATION
FILTER
STAGE 2:2X
DECIMATION
FILTER
DVSS
DVDD
16-BIT: 10MHz
16-BIT: 5MHz
16-BIT: 2.5MHz
MODE
REGISTER
REFERENCE
BUFFER
BANDGAP
REFERENCE
BIAS
CIRCUIT
CLOCK
BUFFER
AD9260
OTR
BIT1–BIT16
DAV
READ
CS
MODE
CLK
BIAS ADJUST
REFCOM
SENSE
VREF
COMMON
MODE
REF
BOTTOM
REF TOP
VINB
VINA


Similar Part No. - AD9260EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9260 AD-AD9260 Datasheet
1Mb / 45P
High Speed Oversampling CMOS ADC
23-Feb-2017
AD9260-EB AD-AD9260-EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9260-EB AD-AD9260-EB Datasheet
1Mb / 45P
High Speed Oversampling CMOS ADC
23-Feb-2017
AD9260AS AD-AD9260AS Datasheet
1Mb / 45P
High Speed Oversampling CMOS ADC
23-Feb-2017
AD9260ASRL AD-AD9260ASRL Datasheet
1Mb / 45P
High Speed Oversampling CMOS ADC
23-Feb-2017
More results

Similar Description - AD9260EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9201 AD-AD9201 Datasheet
431Kb / 20P
Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV.D
logo
Linear Technology
LTC2440 LINER-LTC2440 Datasheet
301Kb / 28P
24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
logo
Analog Devices
AD776 AD-AD776 Datasheet
921Kb / 12P
16-Bit 100 kSPS Oversampling ADC
REV. A
AD9201ARSZ AD-AD9201ARSZ Datasheet
75Kb / 4P
Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
logo
Texas Instruments
ADS7881 TI1-ADS7881_14 Datasheet
1Mb / 32P
4 MHz Sample Rate, 12-Bit Resolution High Speed Parallel Interface
logo
Analog Devices
AD9260 AD-AD9260_15 Datasheet
1Mb / 44P
High Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. C
logo
Linear Technology
LTC2440 LINER-LTC2440_15 Datasheet
367Kb / 28P
24-Bit High Speed Differential ADC with Selectable Speed/Resolution
logo
Analog Devices
AD9201 AD-AD9201_17 Datasheet
467Kb / 21P
Resolution CMOS ADC
REV. D
AD9281 AD-AD9281_17 Datasheet
411Kb / 16P
Resolution CMOS ADC
REV. F
AD9260 AD-AD9260_17 Datasheet
1Mb / 45P
High Speed Oversampling CMOS ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com