Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9834 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9834
Description  Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9834 Datasheet HTML 3Page - Analog Devices AD9834 Datasheet HTML 4Page - Analog Devices AD9834 Datasheet HTML 5Page - Analog Devices AD9834 Datasheet HTML 6Page - Analog Devices AD9834 Datasheet HTML 7Page - Analog Devices AD9834 Datasheet HTML 8Page - Analog Devices AD9834 Datasheet HTML 9Page - Analog Devices AD9834 Datasheet HTML 10Page - Analog Devices AD9834 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD9834
– 7–
REV PrM
PRELIMINARY TECHNICAL DATA
Typical Performance Characteristics
TPC 9. fMCLK = 10 MHz; fOUT = 2.4 kHz;
Frequency Word = 000FBA9
TPC 12. fMCLK = 50 MHz; fOUT = 12 kHz;
Frequency Word = 000FBA9
TPC 15. fMCLK = 50 MHz; fOUT = 4.8
MHz; Frequency Word = 189374C
TPC 10. fMCLK = 10 MHz; fOUT = 1.43 kHz
= fMCLK/7 ;
Frequency Word = 2492492
TPC 13. fMCLK = 50 MHz; fOUT = 120 kHz;
Frequency Word = 009D496
TPC 16. fMCLK = 50 MHz;
fOUT = 7.143 MHz = fMCLK/7 ;
Frequency Word = 2492492
TPC 11. fMCLK = 10 MHz; fOUT = 3.33 kHz
= fMCLK/3 ;
Frequency Word = 5555555
TPC 14. fMCLK = 50 MHz; fOUT = 1.2
MHz; Frequency Word = 0624DD3
TPC 17. fMCLK = 50 MHz;
fOUT = 16.667 MHz = fMCLK/3 ;
Frequency Word = 5555555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com