Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9834 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9834
Description  Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 4 Page - Analog Devices

  AD9834 Datasheet HTML 1Page - Analog Devices AD9834 Datasheet HTML 2Page - Analog Devices AD9834 Datasheet HTML 3Page - Analog Devices AD9834 Datasheet HTML 4Page - Analog Devices AD9834 Datasheet HTML 5Page - Analog Devices AD9834 Datasheet HTML 6Page - Analog Devices AD9834 Datasheet HTML 7Page - Analog Devices AD9834 Datasheet HTML 8Page - Analog Devices AD9834 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD9834
–4–
REV PrM
PRELIMINARY TECHNICAL DATA
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
AGND to DGND. . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
CAP/2.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.75 V
Digital I/O Voltage to DGND –0.3 V to DVDD + 0.3 V
Analog I/O Voltage to AGND –0.3 V to AVDD + 0.3 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . –40°C to +85°C
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9834BRU
– 40°C to +85°C
20-Pin TSSOP (Thin Shrink Small Outline Package ) RU-20
EVAL-AD9834EB
Evaluation Board
PIN CONFIGURATION
Storage Temperature Range . . . . . . . . . –65°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . +150°C
TSSOP Package
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . 143°C/W
θ
JC Thermal Impedance
. . . . . . . . . . . . . . . . . . . 45°C/W
Lead Temperature, Soldering (10 sec)
. . . . . . . . . 300°C
IR Reflow, Peak Temperature . . . . . . . . . . . . . . . 220°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9834 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
TOP VIEW
(Not to Scale)
O
FS ADJUST
REFOUT
AVDD
DVDD
CAP/+2.5V
DGND
MCLK
IOUTB
IOUT
AGND
VIN
SIGNBITOUT
FSYNC
SCLK
SDATA
AD9834
FSELECT
PSELECT
12
11
10
9
COMP
SLEEP
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com