Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9834 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9834
Description  Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 2 Page - Analog Devices

  AD9834 Datasheet HTML 1Page - Analog Devices AD9834 Datasheet HTML 2Page - Analog Devices AD9834 Datasheet HTML 3Page - Analog Devices AD9834 Datasheet HTML 4Page - Analog Devices AD9834 Datasheet HTML 5Page - Analog Devices AD9834 Datasheet HTML 6Page - Analog Devices AD9834 Datasheet HTML 7Page - Analog Devices AD9834 Datasheet HTML 8Page - Analog Devices AD9834 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD9834
–2–
REV PrM
PRELIMINARY TECHNICAL DATA
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
SIGNAL DAC SPECIFICATIONS
Resolution
10
Bits
Update Rate (fMAX)
50
MSPS
IOUT Full Scale
2.8
mA
Output Compliance
2
0.8
V
DC Accuracy:
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
±0.5
LSB
DDS SPECIFICATIONS
Dynamic Specifications:
Signal to Noise Ratio
50
dB
fMCLK = 50 MHz, fOUT = fMCLK/4096
Total Harmonic Distortion
-53
dBc
fMCLK = 50 MHz, fOUT = fMCLK/4096
Spurious Free Dynamic Range (SFDR):
Wideband (0 to Nyquist)
50
dBc
fMCLK = 50 MHz, fOUT = fMCLK/7
NarrowBand (± 200 kHz)
72
dBc
fMCLK = 50 MHz, fOUT = fMCLK/7
Clock Feedthrough
–55
dBc
Wake Up Time
1
ms
COMPARATOR
Input Voltage Range
1
V p-p
ac-coupled internally
Input Capacitance
10
pF
Input HighPass Cutoff Frequency
4
MHz
Input DC Resistance
1
M
Ω
Input DC Current
10
µA
OUTPUT BUFFER
Output Rise/Fall Time
20
ns
Using a 15 pF Load
Output Jitter
100
ps rms
When DAC data MSB is output
VOLTAGE REFERENCE
Internal Reference
1.116
1.2
1.284
V
1.2 V ± 7%
REFOUT Input Impedance
3
1K
Ω
Reference TC
100
ppm/°C
LOGIC INPUTS
VINH, Input High Voltage
DVDD –0.9
V
+3.6 V to +5.5 V Power Supply
DVDD - 0.5
V
+2.7 V to +3.6 V Power Supply
2
V
+2.3 V to + 2.7 V Power Supply
VINL, Input Low Voltage
0.9
V
+3.6 V to +5.5 V Power Supply
0.5
V
+2.3 V to + 3.6 V Power Supply
IINH, Input Current
1
µA
CIN, Input Capacitance
10
pF
POWER SUPPLIES
fMCLK = 50 MHz, fOUT = fMCLK/7
AVDD
2.3
5.5
V
DVDD
2.3
5.5
V
IAA
4
5mA
IDD
4
0.5 + 0.04/MHz
mA
IAA + IDD
4
7
10
mA
3 V Power Supply
10
15
mA
5 V Power Supply
Low Power Sleep Mode
4
0.25
mA
DAC and Internal Clock Powered Down
NOTES
1Operating temperature range is as follows: B Version: –40°C to +85°C; typical specifications are at 25 C
2Guaranteed by Design.
3Applies when REFOUT is sourcing current. The impedance is higher when REFOUT is sinking current.
4Measured with the digital inputs static and equal to 0 V or DVDD.
Specifications subject to change without notice. There is 95% test coverage of the digital circuitry.
SPECIFICATIONS1
(VDD = +2.3 V to +5.5 V; AGND = DGND = 0 V; TA = TMIN to TMAX; RSET = 6.8 k
Ω;
Ω;
Ω;
Ω;
Ω;
RLOAD = 200
Ω
Ω
Ω
Ω
Ω for IOUT and IOUTB unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com