Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9834 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9834
Description  Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9834 Datasheet HTML 12Page - Analog Devices AD9834 Datasheet HTML 13Page - Analog Devices AD9834 Datasheet HTML 14Page - Analog Devices AD9834 Datasheet HTML 15Page - Analog Devices AD9834 Datasheet HTML 16Page - Analog Devices AD9834 Datasheet HTML 17Page - Analog Devices AD9834 Datasheet HTML 18Page - Analog Devices AD9834 Datasheet HTML 19Page - Analog Devices AD9834 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD9834
–18–
REV PrM
PRELIMINARY TECHNICAL DATA
ferred should FSYNC be taken high again.
Figure 12. 68HC11/68L11 to AD9834 Interface
AD9834 to 80C51/80L51 Interface
Figure 14 shows the serial interface between the AD9834
and the 80C51/80L51 microcontroller. The
microcontroller is operated in mode 0 so that TXD of the
80C51/80L51 drives SCLK of the AD9834 while RXD
drives the serial data line SDATA. The FSYNC signal is
again derived from a bit programmable pin on the port
(P3.3 being used in the diagram). When data is to be
transmitted to the AD9834, P3.3 is taken low. The
80C51/80L51 transmits data in 8 bit bytes thus, only 8
falling SCLK edges occur in each cycle. To load the re-
maining 8 bits to the AD9834, P3.3 is held low after the
first 8 bits have been transmitted and a second write op-
eration is initiated to transmit the second byte of data.
P3.3 is taken high following the completion of the second
write operation. SCLK should idle high between the two
write operations. The 80C51/80L51 outputs the serial
data in a format which has the LSB first.
The AD9834
accepts the MSB first (the 4 MSBs being the control in-
formation, the next 4 bits being the address while the 8
LSBs contain the data when writing to a destination regis-
ter). Therefore, the transmit routine of the 80C51/80L51
must take this into account and re-arrange the bits so that
the MSB is output first.
Figure 13. 80C51/80L51 to AD9834 Interface
AD9834 to DSP56002 Interface
Figure 15 shows the interface between the AD9834 and
the DSP56002. The DSP56002 is configured for normal
mode asynchronous operation with a Gated internal clock
(SYN = 0, GCK = 1, SCKD = 1). The frame sync pin is
generated internally (SC2 = 1), the transfers are 16 bits
wide (WL1 = 1, WL0 = 0) and the frame sync signal will
frame the 16 bits (FSL = 0). The frame sync signal is
available on pin SC2 but, it needs to be inverted before
being applied to the AD9834. The interface to the
DSP56000/DSP56001 is similar to that of the DSP56002.
Figure 14. AD9834 to DSP56002 Interface
AD9834 EVALUATION BOARD
The AD9834 Evaluation Board allows designers to evalu-
ate the high performance AD9834 DDS modulator with
minimum of effort.
To prove that this device will meet the user's waveform
synthesis requirements, the user only require's a power-
supply, an IBM-compatible PC and a spectrum analyser
along with the evaluation board.
The DDS evaluation kit includes a populated, tested
AD9834 printed circuit board. The evaluation board in-
terfaces to the parallel port of an IBM compatible PC.
Software is available with the evaluation board which al-
lows the user to easily program the AD9834. A schematic
of the Evaluation board is shown in Figure 24. The soft-
ware will run on any IBM compatible PC which has
Microsoft Windows95, Windows98 or Windows ME 2000
NT™ installed.
Using the AD9834 Evaluation Board
The AD9834 Evaluation kit is a test system designed to
simplify the evaluation of the AD9834. An application
note is also available with the evaluation board and gives
full information on operating the evaluation board.
Prototyping Area
An area is available on the evaluation board for the user to
add additional circuits to the evaluation test set. Users
may want to build custom analog filters for the output or
add buffers and operational amplifiers to be used in the
final application.
XO vs. External Clock
The AD9834 can operate with master clocks up to
50MHz. A 50MHz oscillator is included on the evaluation
board. However, this oscillator can be removed and, if
required, an external CMOS clock connected to the part.
Power Supply
Power to the AD9834 Evaluation Board must be provided
externally through pin connections. The power leads
should be twisted to reduce ground loops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com