Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9834 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9834
Description  Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 1 Page - Analog Devices

  AD9834 Datasheet HTML 1Page - Analog Devices AD9834 Datasheet HTML 2Page - Analog Devices AD9834 Datasheet HTML 3Page - Analog Devices AD9834 Datasheet HTML 4Page - Analog Devices AD9834 Datasheet HTML 5Page - Analog Devices AD9834 Datasheet HTML 6Page - Analog Devices AD9834 Datasheet HTML 7Page - Analog Devices AD9834 Datasheet HTML 8Page - Analog Devices AD9834 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV PrM 04/02
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
=
Low Power, +2.3 V to +5.5 V, 50 MHz
CompleteDDS
PreliminaryTechnical
Data
AD9834
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
FEATURES
+2.3 V to +5.5 V Power Supply
50 MHz Speed
Low Jitter Clock Output
Sine Output/Triangular Output
Serial Loading
Power-Down Option
Narrowband SFDR > 72 dB
20 mW Power Consumption at 3 V
20-Pin TSSOP
APPLICATIONS
Test Equipment
Slow Sweep Generator
DDS Tuning
Digital Modulation
GENERAL DESCRIPTION
The AD9834 is a numerically controlled oscillator
employing a phase accumulator, a SIN ROM and a
10-bit D/A converter integrated on a single CMOS
chip.
Clock rates up to 50 MHz are supported with a
power supply from 2.3 V to 5.5 V.
FUNCTIONAL BLOCK DIAGRAM
10-Bit
DAC
IOUT
COMP
REFOUT
FullScale
Control
FS ADJUST
AD9834
IOUTB
SIGN BIT OUT
COMPARATOR
VIN
MUX
Serial Interface
&
Control Logic
SCLK
SDATA
FSYNC
12 Bit PHASE1 REG
SLEEP
PSELECT
16 Bit Control
Register
SIN
ROM
MUX
28 Bit
FREQ0 REG
MCLK
FSELECT
28 Bit
FREQ1 REG
12
On-Board
Reference
AGND
AVDD
DGND
DVDD
Phase
Accumulator
(28 Bit)
MUX
Regulator
CAP/2.5V
VCC
2.5V
RESET
12 Bit PHASE0 REG
MSB
MUX
DIV BY
2
MUX
Capability for phase modulation and frequency modula-
tion is provided.
Frequency accuracy can be controlled to
one part in 0.25 billion. Modulation is effected by loading
registers through the serial interface.
The AD9834 offers the user a variety of output
waveforms. The SIN ROM can be bypassed so that a
linear up/down ramp is output from the DAC. If the SIN
ROM is not by-passed, a sinusoidal output is available.
Also, if a clock output is required, the MSB of the DAC
data can be output, or the on-chip comparator can be
used.
The digital section is driven by an on-board regulator
which steps down the applied DVDD to +2.5 V when
DVDD exceeds +2.5 V.
The analog and digital sections
are independent and can be run from different power
supplies e.g. AVDD can equals 5 V with DVDD equal to
3 V, etc.
The AD9834 has a power-down pin (SLEEP) which
allows external control of a power-down mode. Sections of
the device which are not being used can be powered down to
minimise the current consumption e.g. the DAC can be
powered down when a clock output is being generated.
The part is available in a 20-pin TSSOP package.
PRELIMINARY TECHNICAL DATA


Similar Part No. - AD9834

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9834 AD-AD9834 Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834 AD-AD9834 Datasheet
551Kb / 32P
20 mW Power, 2.3 V to 5.5 V
Rev. D
AD9834BRU AD-AD9834BRU Datasheet
394Kb / 32P
20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9834BRU AD-AD9834BRU Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834BRU-REEL AD-AD9834BRU-REEL Datasheet
394Kb / 32P
20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
More results

Similar Description - AD9834

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9833 AD-AD9833 Datasheet
210Kb / 18P
2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
AD9835 AD-AD9835 Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9837 AD-AD9837 Datasheet
974Kb / 28P
Low Power, 8.5 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
REV. 0
AD9838 AD-AD9838 Datasheet
620Kb / 32P
11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
REV. A
AD9834 AD-AD9834_10 Datasheet
394Kb / 32P
20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9834BRUZ AD-AD9834BRUZ Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834CRUZ AD-AD9834CRUZ Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9833SRMZ-EP-RL7 AD-AD9833SRMZ-EP-RL7 Datasheet
694Kb / 24P
Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
AD9833 AD-AD9833_15 Datasheet
694Kb / 24P
Low Power, 12.65 mW, 2.3 V to 5.5 V
Rev. E
AD9834 AD-AD9834_15 Datasheet
551Kb / 32P
20 mW Power, 2.3 V to 5.5 V
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com