Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9844 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9844
Description  Complete 12-Bit 20 MSPS CCD Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9844 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9844 Datasheet HTML 6Page - Analog Devices AD9844 Datasheet HTML 7Page - Analog Devices AD9844 Datasheet HTML 8Page - Analog Devices AD9844 Datasheet HTML 9Page - Analog Devices AD9844 Datasheet HTML 10Page - Analog Devices AD9844 Datasheet HTML 11Page - Analog Devices AD9844 Datasheet HTML 12Page - Analog Devices AD9844 Datasheet HTML 13Page - Analog Devices AD9844 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD9844A
–10–
REV. 0
SERIAL INTERFACE TIMING AND INTERNAL REGISTER DESCRIPTION
Table I. Internal Register Map
Register
Address
Data Bits
Name
A0
A1 A2
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
Operation
0
0
0
Channel Select
Power-Down
Software OB Clamp 0
*
1
**
0
*
0
*
0
*
CCD/AUX
Modes
Reset
On/Off
VGA Gain
1
0
0
LSB
MSB
X
Clamp Level
0
1
0
LSB
MSB
X
X
X
Control
1
1
0
0
*
0
*
0
*
CDS Gain Clock Polarity Select for
0
*
0
*
Three-
X
On/Off
SHP/SHD/CLP/DATA
State
CDS Gain
0
0
1
LSB
MSB
X
X
X
X
X
*Internal use only, must be set to zero. **Should be set to one.
SDATA
SCK
SL
RNW
TEST
0
A2
0
A0
A1
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
tDS
tDH
tLS
tLH
NOTES:
1. SDATA BITS ARE INTERNALLY LATCHED ON THE RISING EDGES OF SCK.
2. RNW = READ-NOT WRITE. SET LOW FOR WRITE OPERATION.
3. TEST BIT = INTERNAL USE ONLY. MUST BE SET LOW.
4. SYSTEM UPDATE OF LOADED REGISTERS OCCURS ON SL RISING EDGE.
Figure 8. Serial Write Operation
SDATA
SCK
SL
RNW
TEST
10
A0
A1
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
tDS
tDH
tLS
tLH
NOTES:
1. RNW = READ-NOT WRITE. SET HIGH FOR READ OPERATION.
2. TEST BITS = INTERNAL USE ONLY. MUST BE SET LOW.
3. SERIAL DATA FROM THE SELECTED REGISTER IS VALID STARTING AFTER THE 5TH SCK FALLING EDGE, AND IS UPDATED ON SCK
FALLING EDGES.
tDV
A2
Figure 9. Serial Readback Operation
SDATA
SCK
SL
A0
A1
D0
D2
D3
D10
RNW
0
0
D9
0
00
D0
1
217
35
34
27
26
16
6
5
4
3
44
...
...
...
...
10 BITS
AGC GAIN
D7
D0
D9
...
...
...
...
...
NOTES:
1. ANY NUMBER OF ADJACENT REGISTERS MAY BE LOADED SEQUENTIALLY, BEGINNING WITH THE LOWEST ADDRESS AND INCREMENTING
ONE ADDRESS AT A TIME.
2. WHEN SEQUENTIALLY LOADING MULTIPLE REGISTERS, THE EXACT REGISTER LENGTH (SHOWN ABOVE) MUST BE USED FOR EACH REGISTER.
3. ALL LOADED REGISTERS WILL BE SIMULTANEOUSLY UPDATED WITH THE RISING EDGE OF SL.
8 BITS
CLAMP LEVEL
10 BITS
CONTROL
11 BITS
OPERATION
D1
D0
D2
D3
D1
18
19
20
78
9
Figure 10. Continuous Serial Write Operation to Multiple Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com