Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9844 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9844
Description  Complete 12-Bit 20 MSPS CCD Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9844 Datasheet(HTML) 4 Page - Analog Devices

  AD9844 Datasheet HTML 1Page - Analog Devices AD9844 Datasheet HTML 2Page - Analog Devices AD9844 Datasheet HTML 3Page - Analog Devices AD9844 Datasheet HTML 4Page - Analog Devices AD9844 Datasheet HTML 5Page - Analog Devices AD9844 Datasheet HTML 6Page - Analog Devices AD9844 Datasheet HTML 7Page - Analog Devices AD9844 Datasheet HTML 8Page - Analog Devices AD9844 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
–4–
REV. 0
AD9844A–SPECIFICATIONS
AUX1-MODE SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
POWER CONSUMPTION
60
mW
MAXIMUM CLOCK RATE
20
MHz
INPUT BUFFER
Gain
0dB
Max Input Range
1.0
V p-p
VGA
Max Output Range
2.0
V p-p
Gain Control Resolution
1023
Steps
Gain (Selected Using VGA Gain Register)
Min Gain
0
dB
Max Gain
36
dB
Specifications subject to change without notice.
AUX2-MODE SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
POWER CONSUMPTION
60
mW
MAXIMUM CLOCK RATE
20
MHz
INPUT BUFFER
(Same as AUX1-MODE)
VGA
Max Output Range
2.0
V p-p
Gain Control Resolution
512
Steps
Gain (Selected Using VGA Gain Register)
Min Gain
0
dB
Max Gain
18
dB
ACTIVE CLAMP
Clamp Level Resolution
256
Steps
Clamp Level (Measured at ADC Output)
Min Clamp Level
0
LSB
Max Clamp Level
255
LSB
Specification subject to change without notice.
(TMIN to TMAX, AVDD = DVDD = 3.0 V, fDATACLK = 20 MHz, unless otherwise noted.)
(TMIN to TMAX, AVDD = DVDD = 3.0 V, fDATACLK = 20 MHz, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com