Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9844 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9844
Description  Complete 12-Bit 20 MSPS CCD Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9844 Datasheet(HTML) 3 Page - Analog Devices

  AD9844 Datasheet HTML 1Page - Analog Devices AD9844 Datasheet HTML 2Page - Analog Devices AD9844 Datasheet HTML 3Page - Analog Devices AD9844 Datasheet HTML 4Page - Analog Devices AD9844 Datasheet HTML 5Page - Analog Devices AD9844 Datasheet HTML 6Page - Analog Devices AD9844 Datasheet HTML 7Page - Analog Devices AD9844 Datasheet HTML 8Page - Analog Devices AD9844 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
REV. 0
AD9844A
Parameter
Min
Typ
Max
Unit
Notes
POWER CONSUMPTION
78
mW
See TPC 1 for Power Curves
MAXIMUM CLOCK RATE
20
MHz
CDS
Allowable CCD Reset Transient
1
500
mV
See Input Waveform in Note 1
Max CCD Black Pixel Amplitude
1
200
mV
Max Input Range Before Saturation
1
1.0
V p-p
With 4 dB CDS Gain
Max Input Range Before Saturation
1.5
V p-p
With –2 dB CDS Gain
Max Input Range Before Saturation
0.5
V p-p
With 10 dB CDS Gain
Max Output Range
1.6
V p-p
At Any CDS Gain Setting
Gain Resolution
64
Steps
Gain Range (Two’s Complement Coding)
See Figure 12 for CDS Gain Curve
Min Gain (CDS Gain Register Code 32)
–2
dB
Medium Gain (CDS Gain Code 63)
4
dB
4 dB Is Default with CDS Gain Disabled
Max Gain (CDS Gain Code 31)
10
dB
VARIABLE GAIN AMPLIFIER (VGA)
Max Input Range
1.6
V p-p
Max Output Range
2.0
V p-p
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
See Figure 13 for VGA Gain Curve
Low Gain (VGA Register Code 91)
2
dB
See Figure 13 for Gain Equations
Max Gain (VGA Code 1023)
36
dB
BLACK LEVEL CLAMP
Clamp Level Resolution
256
Steps
Clamp Level
Measured at ADC Output
Min Clamp Level
0
LSB
Max Clamp Level
255
LSB
SYSTEM PERFORMANCE
Specifications Include Entire Signal Chain
Gain Accuracy, VGA Code 91 to 1023
–0.5
+0.5
dB
Use Equations on Page 13 to Calculate Gain
Peak Nonlinearity, 500 mV Input Signal
0.1
%
12 dB Gain Applied (4 dB CDS Gain)
Peak Nonlinearity, 800 mV Input Signal
0.4
%
8 dB Gain Applied (4 dB CDS Gain)
Total Output Noise
0.6
LSB rms
AC Grounded Input, 6 dB Gain Applied
Power Supply Rejection (PSR)
40
dB
Measured with Step Change on Supply
POWER-UP RECOVERY TIME
Clocks Must Be Applied, as in Figures 5 and 6
From Fast Recovery Mode
0.1
ms
From Reference Standby Mode
1
ms
From Total Shutdown Mode
3
ms
From Power-Off Condition
15
ms
NOTES
1Input Signal Characteristics defined as follows, with 4 dB CDS gain:
1V MAX
INPUT
SIGNAL RANGE
200mV MAX
OPTICAL
BLACK PIXEL
500mV TYP
RESET
TRANSIENT
Specifications subject to change without notice.
CCD-MODE SPECIFICATIONS (T
MIN to TMAX, AVDD = DVDD = 3.0 V, fDATACLK = fSHP = fSHD = 20 MHz, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com