Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9844 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9844
Description  Complete 12-Bit 20 MSPS CCD Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9844 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9844 Datasheet HTML 8Page - Analog Devices AD9844 Datasheet HTML 9Page - Analog Devices AD9844 Datasheet HTML 10Page - Analog Devices AD9844 Datasheet HTML 11Page - Analog Devices AD9844 Datasheet HTML 12Page - Analog Devices AD9844 Datasheet HTML 13Page - Analog Devices AD9844 Datasheet HTML 14Page - Analog Devices AD9844 Datasheet HTML 15Page - Analog Devices AD9844 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD9844A
–12–
REV. 0
2dB TO 36dB
CLPDM
CCDIN
12
DIGITAL
FILTERING
CLPOB
DC RESTORE
INPUT OFFSET
CLAMP
OPTICAL BLACK
CLAMP
0 TO 255 LSB
0.1 F
DOUT
12-BIT
ADC
VGA
8-BIT
DAC
8
VGA GAIN
REGISTER
10
CDS
–2dB TO +10dB
INTERNAL
VREF
2V FULL SCALE
CDS GAIN
REGISTER
6
CLAMP LEVEL
REGISTER
Figure 11. CCD-Mode Block Diagram
CIRCUIT DESCRIPTION AND OPERATION
The AD9844A signal processing chain is shown in Figure 11.
Each processing step is essential in achieving a high-quality
image from the raw CCD pixel data.
DC Restore
To reduce the large dc offset of the CCD output signal, a
dc-restore circuit is used with an external 0.1
µF series-coupling
capacitor. This restores the dc level of the CCD signal to approxi-
mately 1.5 V, to be compatible with the 3 V single supply of
the AD9844A.
Correlated Double Sampler
The CDS circuit samples each CCD pixel twice to extract the
video information and reject low-frequency noise. The timing
shown in Figure 5 illustrates how the two CDS clocks, SHP
and SHD, are used to sample the reference level and data level
of the CCD signal respectively. The CCD signal is sampled on the
rising edges of SHP and SHD. Placement of these two clock
signals is critical in achieving the best performance from the CCD.
An internal SHP/SHD delay (tID) of 3 ns is caused by internal
propagation delays.
The CDS stage has a default gain of 4 dB, but uses a unique
architecture that allows the CDS gain to be varied. Using the
CDS Gain Register, the gain is programmable from –2 dB to
+10 dB in 64 steps, using two’s complement coding. The CDS
Gain curve is shown in Figure 12. To change the gain of the
CDS using the CDS Gain Register, the Control Register bit D3
must be set high (CDS Gain Enabled). The default gain setting
when bit Control Register Bit D3 is low (CDS Gain Disabled) is
4 dB. See Tables V and VI for more details.
A CDS gain of 4 dB provides some front-end signal gain and
improves the overall signal-to-noise ratio. This gain setting
works very well in most applications, and the CCD-Mode
Specifications use this default gain setting. However, the CDS
gain may be varied to optimize the AD9844A operation in a
particular application. Increased CDS gain can be useful with
low output level CCDs, while decreased CDS gain allows the
AD9844A to accept CCD signal swings greater than 1 V p-p.
Table VII summarizes some example CDS gain settings for
different maximum signal swings. The CDS Gain Register may
also be used “on the fly” to provide a +6 dB boost or –6 dB
attenuation when setting exposure levels. It is best to keep the
CDS output level from exceeding 1.5 V~1.6 V.
Table VII. Example CDS Gain Settings
Recommended
Max Input Signal
Gain Range
Register Code Range
250 mV p-p
8 to 10 dB
21 to 31
500 mV p-p
6 to 8 dB
10 to 21
800 mV p-p
4 to 6 dB
63 to 10
1 V p-p
2 to 4 dB
53 to 63
1.25 V p-p
0 to 2 dB
42 to 53
1.5 V p-p
–2 to 0 dB
32 to 42
CDS GAIN REGISTER CODE
10
32
40
48
56
0
8
16
24
31
8
6
4
2
0
-2
(100000)
(011111)
Figure 12. CDS Gain Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com