Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9844 Datasheet (PDF) - Analog Devices

AD9844 Datasheet PDF - Analog Devices
Part # AD9844
Download  AD9844 Download
File Size   169.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 20 MSPS CCD Signal Processor

AD9844 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9844 Datasheet PDF - Analog Devices

Part # AD9844
Download  AD9844 Click to download

File Size   169.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 20 MSPS CCD Signal Processor

AD9844 Datasheet (HTML) - Analog Devices


AD9844 Product details

PRODUCT DESCRIPTION
The AD9844A is a complete analog signal processor for CCD applications. It features a 20 MHz single-channel architecture designed to sample and condition the outputs of interlaced and progressive scan area CCD arrays. The AD9844A’s signal chain consists of an input clamp, correlated double sampler (CDS), digitally controlled variable gain amplifier (VGA), black level clamp, and 12-bit A/D converter. Additional input modes are provided for processing analog video signals.

FEATURES
   20 MSPS Correlated Double Sampler (CDS)
   4 dB ± 6 dB Variable CDS Gain with 6-Bit Resolution
   2 dB to 36 dB 10-Bit Variable Gain Amplifier (VGA)
   Low Noise Clamp Circuits
   Analog Preblanking Function
   12-Bit 20 MSPS A/D Converter
   Auxiliary Inputs with VGA and Input Clamp
   3-Wire Serial Digital Interface
   3 V Single Supply Operation
   Low Power: 65 mW @ 2.7 V Supply
   48-Lead LQFP Package

APPLICATIONS
   Digital Still Cameras
   Digital Video Camcorders
   PC Cameras




Similar Part No. - AD9844

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
More results


Similar Description - AD9844

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9843A AD-AD9843A Datasheet
170Kb / 16P
Complete 10-Bit 20 MSPS CCD Signal Processor
REV.0
AD9845A AD-AD9845A Datasheet
252Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV.0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV.A
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
237Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845BJSTZ AD-AD9845BJSTZ Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9816 AD-AD9816_15 Datasheet
187Kb / 16P
Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
REV. A
AD9843A AD-AD9843A_15 Datasheet
162Kb / 16P
Complete 10-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com