Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853AS Datasheet(PDF) 9 Page - Analog Devices

Part # AD9853AS
Description  Programmable Digital OPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853AS Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9853AS Datasheet HTML 5Page - Analog Devices AD9853AS Datasheet HTML 6Page - Analog Devices AD9853AS Datasheet HTML 7Page - Analog Devices AD9853AS Datasheet HTML 8Page - Analog Devices AD9853AS Datasheet HTML 9Page - Analog Devices AD9853AS Datasheet HTML 10Page - Analog Devices AD9853AS Datasheet HTML 11Page - Analog Devices AD9853AS Datasheet HTML 12Page - Analog Devices AD9853AS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AD9853
–9–
REV. C
Output Phase Noise Plots, AOUT = 40 MHz
0
–10
–100
CENTER 40Hz
SPAN 10MHz
1kHz/
–40
–70
–80
–90
–20
–30
–60
–50
RBW = 30Hz
VBW = 30Hz
SWT = 56s
RF ATT = 20dB
REF LVL = –1dBm
Figure 13. 6
REFCLK Enabled
CH PWR = –6.98dBm
ACP UP = –44.95dBm
ACP LOW = –44.66dBm
ALT1 UP = –65.96dBm
ALT1 LOW = –65.99dBm
Figure 15. Adjacent Channel Power, AOUT = 30 MHz,
2.56 MS/s, Channel BW = 3.2 MHz (
α = 0.25)
0
–10
–100
CENTER 40Hz
SPAN 10kHz
1kHz/
–40
–70
–80
–90
–20
–30
–60
–50
RBW = 30Hz
VBW = 30Hz
SWT = 56s
RF ATT = 20dB
REF LVL = –1dBm
Figure 14. 6
REFCLK Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com