Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853AS Datasheet(PDF) 20 Page - Analog Devices

Part # AD9853AS
Description  Programmable Digital OPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853AS Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9853AS Datasheet HTML 16Page - Analog Devices AD9853AS Datasheet HTML 17Page - Analog Devices AD9853AS Datasheet HTML 18Page - Analog Devices AD9853AS Datasheet HTML 19Page - Analog Devices AD9853AS Datasheet HTML 20Page - Analog Devices AD9853AS Datasheet HTML 21Page - Analog Devices AD9853AS Datasheet HTML 22Page - Analog Devices AD9853AS Datasheet HTML 23Page - Analog Devices AD9853AS Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
AD9853
–20–
REV. C
cos(2
f t)df
..
.
.
BW
0
h1(t) :=
R := 6
f
BW,
.
SRRC (f) if
.
H(0,R)
H
f
FreqScale
,R
,1
MODIFICATION OF SQUARE-ROOT RAISED COSINE (SRRC) FIR FILTER RESPONSE
TO COMPENSATE FOR CASCADED INTEGRATOR-COMB (CIC) FILTER RESPONSE
COMPUTE SRRC FILTER COEFFICIENTS:
...MAP THE FILTER TAP INDEX TO TIME DOMAIN (CENTERED AT t = 0)
...INVERSE FOURIER INTEGRAL COMPUTES SRRC IMPULSE RESPONSE
(TIME DOMAIN) FROM THE SRRC FREQUENCY RESPONSE (FREQUENCY DOMAIN).
THE COS() FUNCTION REPLACES THE NORMAL COMPLEX EXPONENTIAL
BECAUSE WE ARE RESTICTED TO REAL FILTER COEFFICIENTS.
...SRRC FILTER COEFFICIENTS INTEGERIZED AND SCALED
COMPUTE SRRC FILTER COEFFICIENTS MODIFIED
FOR CORRECTION OF CIC RESPONSE:
...CIC INTERPOLATION RATIO (USER PROGRAMMABLE)
...INVERSE FOURIER INTERGRAL MODIFIES THE SRRC RESPONSE
BY THE RECIPROCAL OF THE NORMALIZED CIC FREQUENCY
RESPONSE. THE MODIFICATION IS ONLY PERFORMED OVER THE
FRACTION OF THE SRRC BANDWIDTH AS SPECIFIED BY
.
...MODIFIED SRRC FILTER COEFFICIENTS INTEGERIZED AND SCALED TO 10-BIT RANGE
SRRC AND MODIFIED SRRC IMPULSE RESPONSE
...FIR FILTER COEFFICIENTS
FOR SRRC RESPONSE
...FIR FILTER COEFFICIENTS
FOR SRRC RESPONSE
WITH CIC COMPENSATION
DISPLAY FREQUENCY RESPONSE PLOTS:
f:= 0,0.001.. 0.5
...NORMALIZED FREQUENCY RANGE [A REQUIREMENT OF MATHCAD'S GAIN() FUNCTION]
...SCALE FACTORS TO ADJUST SRRC,
COMPENSATED SRRC, AND CIC
FREQUENCY RESPONSES TO UNITY AT f = 0
...FUNCTION TO COMPUTE NORMALIZED, UNCOMPENSATED FIR RESPONSE (SRRC) IN dB
...FUNCTION TO COMPUTE NORMALIZED CIC RESPONSE IN dB
...FUNCTION TO COMPUTE NORMALIZED, COMPENSATED FIR RESPONSE (SRRC + CIC–1) IN dB
...FUNCTION TO COMPUTE OVERALL SYSTEM RESPONSE OF SRRC AND CIC TOGETHER IN dB
...FUNCTION TO COMPUTE OVERALL SYSTEM RESPONSE OF COMPENSATED SRRC AND CIC TOGETHER
SRRC, CIC, AND CORRECTED SRRC RESPONSE
10
5
0
15
20
25
30
35
40
TAP
500
0
htap
h1tap
FREQUENCY SCALE – fn
0
0
–20
–40
–60
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FIR(f)
CIC(f)
COMP(f)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
0
0
3
2
–2
–5
–2
5
7
1
–7
–7
7
19
7
–34 –71 –48
71
260 438 511
hT =
h1T =
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
0
14
2
–3
–6
–1
7
9
1
–10 –9
8
24
12
–34 –78 –61
56
251 435 511
tap := 0..TAPS – 1
ttap :=
1
FreqScale
tap –
TAPS – 1
2
.
BW
0
h(t) :=
SRRC(f) cos(2
f t)df
..
.
.
htap := h(ttap) h := INT
h PROC_GAINSCALE
max(h)
.
SCALEsrrc := (| gain(h,0) |)–1
h1tap := h1(ttap)
h1 := INT
h1 PROC_GAINSCALE
max(h1)
.
SCALEcompsrrc := (| gain(h1,0) |)–1
SCALEcic := (| H(0,R) |)–1
SCALEsrrc := 5.559 10–4
.
SCALEcompsrrc := 5.79 10–4
.
SCALEcic := 7.716 10–4
.
FIR(f) := dB(SCALEsrrc | gain(h,f) |)
.
CIC(f) := dB(SCALEcic | H(f,R) |)
.
COMP(f) := dB(SCALEcompsrrc | gain(h1,f) |)
.
SYSuncomp(f) := FIR(f) + CIC(f)
SYScomp(f) := COMP(f) + CIC(f)
Figure 34. Mathcad Simulation of 41-Tap SRRC Filter with CIC Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com