Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853AS Datasheet(PDF) 14 Page - Analog Devices

Part # AD9853AS
Description  Programmable Digital OPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853AS Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9853AS Datasheet HTML 10Page - Analog Devices AD9853AS Datasheet HTML 11Page - Analog Devices AD9853AS Datasheet HTML 12Page - Analog Devices AD9853AS Datasheet HTML 13Page - Analog Devices AD9853AS Datasheet HTML 14Page - Analog Devices AD9853AS Datasheet HTML 15Page - Analog Devices AD9853AS Datasheet HTML 16Page - Analog Devices AD9853AS Datasheet HTML 17Page - Analog Devices AD9853AS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
AD9853
–14–
REV. C
DIGITAL
QPSK/16–QAM
MODULATOR
CONTROL PROCESSOR
SERIAL
CONTROL
BUS
GAIN CONTROL BUS
COUPLING
CIRCUIT AND
LP FILTER
POWER
DOWN
AD9853
DIRECT
CONTROL
LINES
DATA IN
REF
CLOCK IN
PROGRAMMABLE
CABLE DRIVER
AMPLIFIER
AD8320
TO
DIPLEXER
CONTROL
PROCESSOR
Figure 32. Basic Implementation of AD9853 Digital Modulator and AD8320 Programmable Cable Driver Amplifier in
Return-Path Application
tRL
RESET
NOTE 1
NOTE
2
NOTE
2
CONTROL BUS
TXENABLE
DAC OUT
tDL
tRL: MINIMUM RESET LOW TIME = 10ns
tDL: DATA LATENCY = 6 SYMBOLS
NOTE 1. DURING THIS INTERVAL ALL CONTROL BUS REGISTERS MUST BE PROGRAMMED.
NOTE 2. DURING THIS INTERVAL THE CONTROL REGISTER (48h) MAY NEED TO BE REPROGRAMMED DUE TO BEING CLEARED
BY THE PRECEDING RESET PULSE.
NOTE 3. THREE RESETS ARE REQUIRED TO ENSURE THAT THE DATA PATH IS ZERO'D.
START UP
SEQUENCE
Figure 31. Recommended Start-Up Sequence
NOTES ON THE RESET FUNCTION:
1. RESET IS ACTIVE LOW
2. RESET ZEROS THE CONTROL REGISTER AT ADDRESS 48 HEX WHICH CAUSES THE FOLLOWING DEFAULT
CONDITION TO EXIST:
A. 6
REFCLK IS DISABLED
B. OUTPUT SPECTRUM IS SET TO I COS+Q SIN
C. DIGITAL PLL POWER-DOWN IS DISABLED
D. PLL POWER-DOWN IS DISABLED
E. DAC PLL POWER-DOWN IS DISABLED
3. SERIAL CONTROL BUS IS RESET AND INITIALIZED.
4. OUTPUTS OF MODULATION ENCODERS ARE SET TO ZERO. THIS ALLOWS THE FIR FILTERS AND
SUBSEQUENT INTERPOLATION FILTERS TO BE FLUSHED WITH ZEROS AS LONG AS TXENABLE IS HELD LOW.
5. THE PREAMBLE IS CLEARED UPON EXECUTION OF THE RESET FUNCTION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com