Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853AS Datasheet(PDF) 3 Page - Analog Devices

Part # AD9853AS
Description  Programmable Digital OPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853AS Datasheet(HTML) 3 Page - Analog Devices

  AD9853AS Datasheet HTML 1Page - Analog Devices AD9853AS Datasheet HTML 2Page - Analog Devices AD9853AS Datasheet HTML 3Page - Analog Devices AD9853AS Datasheet HTML 4Page - Analog Devices AD9853AS Datasheet HTML 5Page - Analog Devices AD9853AS Datasheet HTML 6Page - Analog Devices AD9853AS Datasheet HTML 7Page - Analog Devices AD9853AS Datasheet HTML 8Page - Analog Devices AD9853AS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
–3–
REV. C
AD9853
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9853 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Parameter
Temp
Test Level
Min
Typ
Max
Units
TIMING CHARACTERISTICS (Continued)
Wake-Up Time–PLL Power-Down
+25
°CIV
1
ms
Wake-Up Time–DAC Power-Down
+25
°C
IV
200
µs
Wake-Up Time–Digital Power-Down
+25
°CIV
5
µs
Data Latency (tDL)
+25
°C
IV
6
Symbols
Minimum RESET Pulsewidth Low (tRL)
+25
°CIV
10
ns
CMOS LOGIC INPUTS
Logic “1” Voltage, +5 V Supply
+25
°C
I
+3.5
V
Logic “1” Voltage, +3.3 V Supply
+25
°C
I
+3.0
V
Logic “0” Voltage
+25
°C
I
+0.4
V
Logic “1” Current
+25
°CI
12
µA
Logic “0” Current
+25
°CI
12
µA
Input Capacitance
+25
°CV
3
pF
POWER SUPPLY
2
+VS Current (+3.3 V + 5%)
Full Operating Conditions
+25
°C
I
184
230
mA
With PLL Power-Down Enabled
+25
°C
I
178
224
mA
With DAC Power-Down Enabled
+25
°C
I
170
216
mA
With Digital Power-Down Enabled
+25
°C
I
36
54
mA
With All Power-Down Enabled
+25
°C
I
16
20
mA
+VS Current (+5 V + 5%)
+25
°C
I
400
595
mA
NOTES
1Reference clock = 28 MHz with clock multiplier enabled; supply voltage = +5 V.
2Maximum values are obtained under worst case operating modes. Typical values are valid for most applications.
Specifications subject to change without notice.
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% Production Tested.
III – Sample Tested Only.
IV – Parameter is guaranteed by design and characterization
testing.
V
– Parameter is a typical value only.
VI – Devices are 100% production tested at +25
°C and
guaranteed by design and characterization testing for
industrial operating temperature range.
ABSOLUTE MAXIMUM RATINGS*
Maximum Junction Temperature . . . . . . . . . . . . . . . +150
°C
VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . –0.7 V to +VS
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 5 mA
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (10 sec Soldering) . . . . . . . . . . . . +300
°C
MQFP
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . 36
°C/W
*Absolute maximum ratings are limiting values, to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied. Exposure of
absolute maximum rating conditions for extended periods of time may affect device
reliability.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9853AS –40
°C to +85°C Metric Quad Flatpack S-44A
(MQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com