Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9853AS Datasheet(PDF) 30 Page - Analog Devices

Part # AD9853AS
Description  Programmable Digital OPSK/16-QAM Modulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9853AS Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9853AS Datasheet HTML 23Page - Analog Devices AD9853AS Datasheet HTML 24Page - Analog Devices AD9853AS Datasheet HTML 25Page - Analog Devices AD9853AS Datasheet HTML 26Page - Analog Devices AD9853AS Datasheet HTML 27Page - Analog Devices AD9853AS Datasheet HTML 28Page - Analog Devices AD9853AS Datasheet HTML 29Page - Analog Devices AD9853AS Datasheet HTML 30Page - Analog Devices AD9853AS Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
AD9853
–30–
REV. C
Plots of typical output spectrum from the AD9853-45PCB
evaluation board (conditions: DUT supply voltage = +3.3 V,
QPSK modulation, 2.048 Mb/s, 20.48 MHz ext. REFCLK,
6
× REFCLK enabled, SRRC filter function, A
OUT = 40 MHz,
α = 0.25, 50 MHz low-pass filter).
–25
–35
REF 50.0MHz
INC 10MHz
RES bw 60MHz
VID bw 5.4kHz
10.0MHz/div
500ms/div
–65
–95
–105
–45
–55
–85
–75
ATTEN 30dB 50
TG off
Figure 41. Direct DAC Output
–25
–35
REF 50.0MHz
INC 10MHz
RES bw 10MHz
VID bw 5.4kHz
10.0MHz/div
500ms/div
–65
–95
–105
–45
–55
–85
–75
ATTEN 30dB 50
TG off
2ND HARMONIC
Figure 42. Output of AD8320 Programmable Line Driver
Amplifier Driven by AD9853 Modulator
Plots of typical output spectrum from the AD9853-65PCB
evaluation board (conditions: DUT supply voltage = +4.0 V,
QPSK modulation, 2.7792 Mb/s, 27.792 MHz ext. REFCLK,
6
× REFCLK enabled, SRRC filter function, A
OUT = 60 MHz,
α = 0.25, 70 MHz low-pass filter).
–25
–35
REF 100.0MHz
INC 20MHz
RES bw 10MHz
VID bw 5.4kHz
20.0MHz/div
1s/div
–65
–95
–105
–45
–55
–85
–75
ATTEN 10dB 50
TG off
Figure 43. Direct DAC Output
–2.0
12.0
REF 100.0MHz
INC 20MHz
RES bw 10MHz
VID bw 5.4kHz
20.0MHz/div
1s/div
42.0
72.0
82.0
22.0
32.0
62.0
52.0
ATTEN 30dB 50
TG off
2ND
HARMONIC
3RD
HARMONIC
Figure 44. Output of AD8320 Programmable Line Driver
Amplifier Driven by AD9853 Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com