Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDC02812DA Datasheet(PDF) 4 Page - Analog Devices

Part # ADDC02812DA
Description  28 V/100 W DC/DC Converters with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02812DA Datasheet(HTML) 4 Page - Analog Devices

  ADDC02812DA Datasheet HTML 1Page - Analog Devices ADDC02812DA Datasheet HTML 2Page - Analog Devices ADDC02812DA Datasheet HTML 3Page - Analog Devices ADDC02812DA Datasheet HTML 4Page - Analog Devices ADDC02812DA Datasheet HTML 5Page - Analog Devices ADDC02812DA Datasheet HTML 6Page - Analog Devices ADDC02812DA Datasheet HTML 7Page - Analog Devices ADDC02812DA Datasheet HTML 8Page - Analog Devices ADDC02812DA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
–4–
ADDC02812DA/ADDC02815DA
REV. A
ABSOLUTE MAXIMUM RATINGS*
INHIBIT . . . . . . . . . . . . . . . . . . . . . . . . . . 50 V dc, –0.5 V dc
SYNC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 V dc, –0.5 V dc
ISHARE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V dc, –0.5 V dc
TEMP . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 V dc, –0.3 V dc
Lead Soldering Temp (10 sec) . . . . . . . . . . . . . . . . . . . +300
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . +150
°C
Maximum Case Operating Temperature . . . . . . . . . . . +125
°C
*Absolute maximum ratings are limiting values, to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied. Exposure of
absolute maximum rating conditions for extended periods of time may affect
device reliability.
ORDERING GUIDE
Operating
Temperature
Package
Model
Range (Case)
Description
ADDC02812DAKV
–40
°C to +85°C
Hermetic
ADDC02812DATV
–55
°C to +90°C
Hermetic
5962-9684101HXC
(ADDC02812DATV/QMLH) –55
°C to +125°C Hermetic
ADDC02815DAKV
–40
°C to +85°C
Hermetic
ADDC02815DATV
–55
°C to +90°C
Hermetic
5962-9684201HXC
(ADDC02815DATV/QMLH) –55
°C to +125°C Hermetic
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% production tested.
II
– 100% production tested at +25
°C, and sample tested
at specified temperatures.
III – Sample tested only.
IV – Parameter is guaranteed by design and characterization
testing.
V
– Parameter is a typical value only.
VI – All devices are 100% production tested at +25
°C. 100%
production tested at temperature extremes for military
temperature devices; guaranteed by design and charac-
terization testing for industrial devices.
PIN CONFIGURATION
1
11
12
17
TOP
VIEW
PIN DESCRIPTIONS
Pin
No.
Name
Function
1
–SENSE
Feedback loop connection for remote sensing
output voltage. Must always be connected for
proper operation.
2
+SENSE
Feedback loop connection for remote sensing
output voltage. Must always be connected
for proper operation.
3
ADJUST
Adjusts output voltage setpoint.
4
STATUS
Indicates output voltage is within
±5% of
nominal. Active high referenced to –SENSE
(Pin 1).
5VAUX
Low level dc auxiliary voltage supply refer-
enced to input return (Pin 10).
6
INHIBIT
Power supply disable. Active low and refer-
enced to input return (Pin 10).
7
SYNC
Clock synchronization input for multiple
units; referenced to input return (Pin 10).
8ISHARE
Current share pin which allows paralleled
units to share current typically within
±5% at
full load; referenced to input return (Pin 10).
9
TEMP
Case temperature indicator and temperature
shutdown override; referenced to input return
(Pin 10).
10
–VIN
Input Return.
11
+VIN
+28 V Nominal Input Bus.
12
+VOUT
+12 V dc Output (ADDC02812DA).
+15 V dc Output (ADDC02815DA).
13
+VOUT
+12 V dc Output (ADDC02812DA).
+15 V dc Output (ADDC02815DA).
14
VCOMMON
Output Return.
15
VCOMMON
Output Return.
16
–VOUT
–12 V dc Output (ADDC02812DA).
–15 V dc Output (ADDC02815DA).
17
–VOUT
–12 V dc Output (ADDC02812DA).
–15 V dc Output (ADDC02815DA).
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADDC02812DA/ADDC02815DA feature proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com