Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDC02812DA Datasheet(PDF) 16 Page - Analog Devices

Part # ADDC02812DA
Description  28 V/100 W DC/DC Converters with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02812DA Datasheet(HTML) 16 Page - Analog Devices

Back Button ADDC02812DA Datasheet HTML 12Page - Analog Devices ADDC02812DA Datasheet HTML 13Page - Analog Devices ADDC02812DA Datasheet HTML 14Page - Analog Devices ADDC02812DA Datasheet HTML 15Page - Analog Devices ADDC02812DA Datasheet HTML 16Page - Analog Devices ADDC02812DA Datasheet HTML 17Page - Analog Devices ADDC02812DA Datasheet HTML 18Page - Analog Devices ADDC02812DA Datasheet HTML 19Page - Analog Devices ADDC02812DA Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
–16–
ADDC02812DA/ADDC02815DA
REV. A
Figure 16 shows test results for the vertical measurement and
compares them against the most stringent RE102 requirement;
the horizontal measurement (30 MHz and above) was similar.
As can be seen, the emissions just meet the standard in the
18 MHz–28 MHz range. This component of the emissions is
due to common-mode currents flowing through the input power
leads. As mentioned in the section on CE102 above, the level of
common-mode current that flows is dependent on how the load
is connected. This measurement is therefore a good indication
of how well the converter will perform in the final configuration,
but the user should confirm RE102 testing in the final system.
RS101: This requirement is specialized and is intended to
check for sensitivity to low frequency magnetic fields in the
30 Hz to 50 kHz range. The converter is designed to meet this
requirement. Consult factory for more information.
RS103: This test calls for correct operation during and after the
unit under test is subjected to radiated electric fields in the
10 kHz to 40 GHz range. The intent is to simulate electro-
magnetic fields generated by antenna transmissions. The con-
verter is designed to meet this requirement. Consult factory for
more information.
Circuit Setup for EMI Test
Figure 17 shows a schematic of the test setup used for the EMI
measurements discussed above. The output of the converter is
connected to a resistive load designed to draw full power. There
is a 0.1
µF capacitor placed across this resistor that typifies
by-pass capacitance normally used in this application. At the
input of the converter there are two differential capacitors (the
larger one having a series resistance) and two small common-
mode capacitors connected to case ground. The case itself was
connected to the metal ground plane in the test chamber. For
the RE102 test, a metal screen box was used to cover both the
converter and its load (but not the two meters of input power
lead cables). This box was also electrically connected to the
metal ground plane.
With regard to the components added to the input power lines,
the 100
µF capacitor with its 1 Ω series resistance is required to
achieve system stability when the unit is powered through the
LISNs, as the MIL-STD-461D standard requires. These LISNs
have a series inductance of 50
µH at low frequencies, giving a
total differential inductance of 100
µH. As explained earlier in
the System Instability section, such a large series source induc-
tance will cause an instability as it interacts with the converter’s
negative incremental input resistance unless some corrective
action is taken. The 100
µF capacitor and 1 Ω resistor provide
the stabilization required.
It should be noted that the values of these stabilization compo-
nents are appropriate for a single converter load. If the system
makes use of several converters, the values of the components
will need to be changed slightly, but not such that they are
repeated for every converter. It should also be noted that most
system applications will not have a source inductance as large as
the 100
µH built into the LISNs. For those systems, a much
smaller input capacitor could be used.
The 2
µF differential-mode capacitor and the two 82 nF common-
mode capacitors were added to achieve the results shown in the
EMI measurement figures described above.
RELIABILITY CONSIDERATIONS
MTBF (Mean Time Between Failure) is a commonly used
reliability concept that applies to repairable items in which
failed elements are replaced upon failure. The expression for
MTBF is
MTBF = T/r
where
T = total operating time
r = number of failures
In lieu of actual field data, MTBF can be predicted per
MIL-HDBK-217.
MTBF, Failure Rate and Probability of Failure: A proper
understanding of MTBF begins with its relationship to lambda
( ), which is the failure rate. If a constant failure rate is assumed,
then MTBF = 1/ , or
= 1/MTBF. If a power supply has an
MTBF of 1,000,000 hours, this does not mean it will last
1,000,000 hours before it fails. Instead, the MTBF describes the
failure rate. For 1,000,000 hours MTBF, the failure rate during
any hour is 1/1,000,000, or 0.0001%. Thus, a power supply
with an MTBF of 500,000 hours would have twice the failure
rate (0.0002%) of one with 1,000,000 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com