Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDC02812DA Datasheet(PDF) 6 Page - Analog Devices

Part # ADDC02812DA
Description  28 V/100 W DC/DC Converters with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02812DA Datasheet(HTML) 6 Page - Analog Devices

Back Button ADDC02812DA Datasheet HTML 2Page - Analog Devices ADDC02812DA Datasheet HTML 3Page - Analog Devices ADDC02812DA Datasheet HTML 4Page - Analog Devices ADDC02812DA Datasheet HTML 5Page - Analog Devices ADDC02812DA Datasheet HTML 6Page - Analog Devices ADDC02812DA Datasheet HTML 7Page - Analog Devices ADDC02812DA Datasheet HTML 8Page - Analog Devices ADDC02812DA Datasheet HTML 9Page - Analog Devices ADDC02812DA Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
–6–
ADDC02812DA/ADDC02815DA
REV. A
VO
IO
100W
50W
200mV
/DIV
50 s
Figure 7. Output Voltage Transient Response to a 50% to
a 100% Step Change in Load with Zero Load Capacitance
(ADDC02812DA)
50 s
IO
VO
200mV
/DIV
100W
50W
Figure 8. Output Voltage Transient Response to a 50% to
a 100% Step Change in Load with Zero Load Capacitance
(ADDC02815DA)
% FULL POWER REGULATED OUTPUT
4
2
–4
10
90
30
50
70
0
–2
UNREGULATED OUTPUT @ 10%
FULL POWER
Figure 9. Cross Regulation Envelope
FREQUENCY – Hz
0
–30
–100
10
50k
100
1k
10k
–50
–80
–10
–20
–40
–60
–70
–90
Figure 10. Audio Susceptibility (Magnitude of VOUT /VIN)
FREQUENCY – kHz
1000
100
1
0.01
100
0.1
1
10
10
Figure 11. Incremental Output Impedance (Magnitude)
FREQUENCY – kHz
10
1
–0.01
0.01
100
0.1
1
10
–0.1
VIN = 28V
VIN = 18V
Figure 12. Incremental Input Impedance (Magnitude)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com