Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDC02812DA Datasheet(PDF) 2 Page - Analog Devices

Part # ADDC02812DA
Description  28 V/100 W DC/DC Converters with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02812DA Datasheet(HTML) 2 Page - Analog Devices

  ADDC02812DA Datasheet HTML 1Page - Analog Devices ADDC02812DA Datasheet HTML 2Page - Analog Devices ADDC02812DA Datasheet HTML 3Page - Analog Devices ADDC02812DA Datasheet HTML 4Page - Analog Devices ADDC02812DA Datasheet HTML 5Page - Analog Devices ADDC02812DA Datasheet HTML 6Page - Analog Devices ADDC02812DA Datasheet HTML 7Page - Analog Devices ADDC02812DA Datasheet HTML 8Page - Analog Devices ADDC02812DA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Case
Test
ADDC02812DA
ADDC02815DA
Parameter
Temp
Level Conditions
Min
Typ
Max
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Steady State Operating Input
Voltage Range
1 (12 V)
Full
VI
IO = ± 0.42 A to ± 4.17 A
18
28
40
V dc
Steady State Operating Input
Voltage Range1 (15 V)
Full
VI
IO = ± 0.34 A to ± 3.34 A
18
28
40
V dc
Abnormal Operating Input Voltage
Range (per MIL-STD-704D)
1 (12 V)
Full
VI
IO = ± 0.42 A to ± 3.34 A
16
50
V dc
Abnormal Operating Input Voltage
Range (per MIL-STD-704D)
1 (15 V)
Full
VI
IO = ± 0.34 A to ± 2.67 A
16
50
V dc
Input Voltage Shutdown (12 V/15 V)
+25
°C I
50
52
55
50
52
55
V dc
No Load Input Current (12 V/15 V)
+25
°C I
85
100
85
100
mA
Disabled Input Current (12 V/15 V)
Full
VI
1
2
1
2
mA
OUTPUT CHARACTERISTICS
2, 3, 4
Regulated Output Voltage (+12 V)
+25
°CI
IO = ± 0.42 A to ± 4.17 A,
+11.88 +12.00 +12.12
V dc
VIN = 18 to 40 V dc
Full
VI
IO = ± 0.42 A to ± 4.17 A,
+11.76
+12.24
V dc
VIN = 18 to 40 V dc
Full
VI
IO = ± 0.42 A to ± 4.17 A,
+11.76
+12.24
V dc
VIN = 16 to 50 V dc
Regulated Output Voltage (+15 V)
+25
°CI
IO = ± 0.34 A to ± 3.34 A,
+14.85 +15.00 +15.15
V dc
VIN = 18 to 40 V dc
Full
VI
IO = ± 0.34 A to ± 3.34 A,
+14.70
+15.30
V dc
VIN = 18 to 40 V dc
Full
VI
IO = ± 0.34 A to ± 3.34 A,
+14.70
+15.30
V dc
VIN = 16 to 50 V dc
Cross Regulated Output Voltage (–12 V)
+25
°CI
IO = ± 0.42 A to ± 4.17 A,
–12.24 –12.00 –11.76
V dc
VIN = 18 to 40 V dc
Full
VI
IO = ± 0.42 A to ± 4.17 A,
–12.36
–11.64
V dc
VIN = 18 to 40 V dc
Full
VI
IO = ± 0.42 A to ± 4.17 A,
–12.36
–11.64
V dc
VIN = 16 to 50 V dc
Cross Regulated Output Voltage (–15 V)
+25
°CI
IO = ± 0.34 A to ± 3.34 A,
–14.70 –15.00 –15.30
V dc
VIN = 18 to 40 V dc
Full
VI
IO = ± 0.34 A to ± 3.34 A,
–14.55
–15.45
V dc
VIN = 18 to 40 V dc
Full
VI
IO = ± 0.34 A to ± 3.34 A,
–14.55
–15.45
V dc
VIN = 16 to 50 V dc
Line Regulation (12 V)
+25
°CV
IO = ± 4.17 A,
4
mV
VIN = 18 to 40 V dc
Line Regulation (15 V)
+25
°CV
IO = ± 3.34 A,
5
mV
VIN = 18 to 40 V dc
Load Regulation (12 V)
+25
°CV
VIN = 28 V dc,
4
mV
IO = ± 0.42 A to +4.17 A
Load Regulation (15 V)
+25
°CV
VIN = 28 V dc,
6
mV
IO = ± 0.34 A to +3.34 A
Output Ripple/Noise (Regulated +12 V)
5
+25
°CI
IO = ± 4.17 A,
45
mV p-p
(Cross Regulated –12 V)
5
5 kHz – 2 MHz BW
55
mV p-p
Output Ripple/Noise (Regulated +15 V)
5
+25
°CI
IO = ± 3.34 A,
45
mV p-p
(Cross Regulated –15 V)5
5 kHz – 2 MHz BW
50
mV p-p
Total Output Current (IO) 12 V
Full
VI
VO = ± 12 V dc,
0.833
8.34
A
VIN = 18 to 40 V dc
Total Output Current (IO) 15 V
Full
VI
VO = ± 15 V dc,
0.68
6.68
A
VIN = 18 to 40 V dc
Output Overvoltage Protection (12 V)
+25
°CV
IO = ± 4.17 A, Open
118
% V nom
Remote Sense Connection
Output Overvoltage Protection (15 V)
+25
°CV
IO = ± 3.34 A, Open
118
% V nom
Remote Sense Connection
Output Current Limit (12 V/15 V)
+25
°CV
VO = 90% VOUT Nom
130
130
% IO max
Output Short Circuit Current (12 V/15 V)
+25
°C I
15.5
14.5
A
ISOLATION CHARACTERISTICS
Isolation Voltage
+25
°C I
Input to Output or Any Pin
100
100
M
Ω
to Case at 500 V dc
REV. A
–2–
(TC = 25 C, VIN = 28 V dc unless otherwise noted; full temperature range is –55 C to
+90 C; all temperatures are case and TC is the temperature measured at the center of the package bottom.)
ADDC02812DA/ADDC02815DA–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com