Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDC02812DA Datasheet(PDF) 7 Page - Analog Devices

Part # ADDC02812DA
Description  28 V/100 W DC/DC Converters with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02812DA Datasheet(HTML) 7 Page - Analog Devices

Back Button ADDC02812DA Datasheet HTML 3Page - Analog Devices ADDC02812DA Datasheet HTML 4Page - Analog Devices ADDC02812DA Datasheet HTML 5Page - Analog Devices ADDC02812DA Datasheet HTML 6Page - Analog Devices ADDC02812DA Datasheet HTML 7Page - Analog Devices ADDC02812DA Datasheet HTML 8Page - Analog Devices ADDC02812DA Datasheet HTML 9Page - Analog Devices ADDC02812DA Datasheet HTML 10Page - Analog Devices ADDC02812DA Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADDC02812DA/ADDC02815DA
REV. A
–7–
Typical EMI Curves and Test Setup
FREQUENCY – MHz
130
0.01
0.0001
0.001
70
90
30
110
50
CONDUCTED EMISSIONS CE–101
CE101–1 4.5 AMPS
Figure 13. Conducted Emissions, MIL-STD-461D, CE101,
+28 V Hot Line 100 W Load
FREQUENCY – MHz
130
10
0.01
0.1
70
90
30
110
50
1
CONDUCTED EMISSIONS CE–102
LIMIT 28VDC
Figure 14. Conducted Emissions, MIL-STD-461D, CE102,
+28 V Hot Line 100 W Load
FREQUENCY – MHz
166
0.1
0.0001
0.001
RE101–1
106
126
66
146
86
0.01
RE101 MIL–STD–461D
Figure 15. Radiated Emissions, MIL-STD-461D, RE101,
100 W Load
FREQUENCY – MHz
90
10
0.01
0.1
30
50
–30
70
10
1
100
1000
RADIATED EMISSIONS RE–102
RE102–2
Figure 16. Radiated Emissions, MIL-STD-461D, RE102,
Vertical Polarity, 100 W Load
Note: Figures 13–17 were obtained from measurements on the
ADDC02805SA, a single 5 V dc output converter. Since the
construction and topology of the dual output converters are
almost identical to the single output converter, and the compo-
nent values of the EMI differential and common filter in the
dual output converters are identical to the single output con-
verter, the subject figures are shown here as typical of the
ADDC028012DA and the ADDC02815DA converters.
Figure 17. Schematic of Test Setup for EMI Measurements
+VIN
–VIN
+VOUT
RETURN
CASE
LISN
1/4
0.1 F
GROUND PLANE
82nF
82nF
2 F
1
100 F
TWO METERS OF
TWISTED CABLE
NOTE: 100 F CAPACITOR AND 1
RESISTOR PROVIDE STABILIZATION FOR 100 H DIFFERENTIAL SOURCE INDUCTANCE
INTRODUCED BY THE LISNs. REFER TO SECTION ON EMI CONSIDERATIONS FOR MORE INFORMATION.
LISN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com