Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADEL2020 Datasheet(PDF) 6 Page - Analog Devices

Part # ADEL2020
Description  Improved Second Source to the EL2020
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADEL2020 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADEL2020 Datasheet HTML 2Page - Analog Devices ADEL2020 Datasheet HTML 3Page - Analog Devices ADEL2020 Datasheet HTML 4Page - Analog Devices ADEL2020 Datasheet HTML 5Page - Analog Devices ADEL2020 Datasheet HTML 6Page - Analog Devices ADEL2020 Datasheet HTML 7Page - Analog Devices ADEL2020 Datasheet HTML 8Page - Analog Devices ADEL2020 Datasheet HTML 9Page - Analog Devices ADEL2020 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADEL2020
REV. A
–6–
7
3
2
3
0.1µF
+V
S
6
ADEL2020
–V
S
750
Ω
4
0.1µF
R
L
R
T
V
IN
V
O
750
Ω
Figure 9. Connection Diagram for AVCL = +2
GAIN = +2
RL = 150Ω
PHASE
GAIN
FREQUENCY – MHz
10
100
6
1
5
4
3
2
7
1
1000
0
–45
–90
–135
–180
–225
–270
VS = ±15V
±5V
VS = ±15V
±5V
Figure 10. Closed-Loop Gain and Phase vs. Frequency,
G = +2, RL = 150
Ω, R
F = 750
Ω for
±15 V, 715 Ω for ±5 V
110
40
20
2
30
70
50
60
80
90
100
18
16
14
12
10
8
6
4
SUPPLY VOLTAGE – ±Volts
G = +2
RL = 150
VO = 250mV p-p
PEAKING
1.0dB
RF = 500
PEAKING
0.1dB
RF = 750
RF = 1k Ω
Ω
Ω
Ω
≤
≤
Figure 12. –3 dB Bandwidth vs. Supply Voltage,
Gain = +2, RL = 150 Ω
FREQUENCY – MHz
10
100
1
1000
0
–45
–90
–135
–180
–225
–270
PHASE
GAIN
GAIN = +2
RL = 1k
VS = ±15V
±5V
VS = ±15V
±5V
6
1
5
4
3
2
7
Ω
Figure 11. Closed-Loop Gain and Phase vs. Frequency,
G = +2, RL = 1 kΩ, RF = 750 Ω for ±15 V, 715 Ω for ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com