Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADEL2020 Datasheet(PDF) 1 Page - Analog Devices

Part # ADEL2020
Description  Improved Second Source to the EL2020
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADEL2020 Datasheet(HTML) 1 Page - Analog Devices

  ADEL2020 Datasheet HTML 1Page - Analog Devices ADEL2020 Datasheet HTML 2Page - Analog Devices ADEL2020 Datasheet HTML 3Page - Analog Devices ADEL2020 Datasheet HTML 4Page - Analog Devices ADEL2020 Datasheet HTML 5Page - Analog Devices ADEL2020 Datasheet HTML 6Page - Analog Devices ADEL2020 Datasheet HTML 7Page - Analog Devices ADEL2020 Datasheet HTML 8Page - Analog Devices ADEL2020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Improved Second Source
to the EL2020
ADEL2020
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
CONNECTION DIAGRAMS
8-Pin Plastic Mini-DIP (N)
20-Pin Small Outline Package
1
8
4
5
3
6
2
7
ADEL2020
TOP VIEW
V+
OUTPUT
BAL
BAL
–IN
+IN
V–
DISABLE
V+
OUTPUT
BAL
BAL
–IN
+IN
V–
DISABLE
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC = NO CONNECT
1
20
4
17
3
18
5
16
8
13
7
14
6
15
9
12
10
11
2
19
ADEL2020
TOP VIEW
FEATURES
Ideal for Video Applications
0.02% Differential Gain
0.04 Differential Phase
0.1 dB Bandwidth to 25 MHz (G = +2)
High Speed
90 MHz Bandwidth (–3 dB)
500 V/ s Slew Rate
60 ns Settling Time to 0.1% (VO = 10 V Step)
Low Noise
2.9 nV/
√Hz Input Voltage Noise
Low Power
6.8 mA Supply Current
2.1 mA Supply Current (Power-Down Mode)
High Performance Disable Function
Turn-Off Time of 100 ns
Input to Output Isolation of 54 dB (Off State)
PRODUCT DESCRIPTION
The ADEL2020 is an improved second source to the EL2020.
This op amp improves on all the key dynamic specifications
while offering lower power and lower cost. The ADEL2020 of-
fers 50% more bandwidth and gain flatness of 0.1 dB to beyond
25 MHz. In addition, differential gain and phase are less than
0.05% and 0.05
° while driving one back terminated cable (150 Ω).
The ADEL2020 offers other significant improvements. The
most important of these is lower power supply current, 33% less
100k
1M
100M
10M
+0.1
0
–0.1
–0.1
0
+0.1
FREQUENCY – Hz
RL = 150
RL= 1k
±15V
±5V
±15V
±5V
Ω
Fine-Scale Gain (Normalized) vs. Frequency for Various
Supply Voltages. RF = 750 Ω, Gain = +2
than the competition while offering higher output drive. Impor-
tant specs like voltage noise and offset voltage are less than half
of those for the EL2020.
The ADEL2020 also features an improved disable feature. The
disable time (to high output impedance) is 100 ns with guaran-
teed break before make. Finally the ADEL2020 is offered in the
industrial temperature range of –40
°C to +85°C in both plastic
DIP and SOIC package.
0.10
0
15
0.03
0.01
6
0.02
5
0.06
0.04
0.05
0.07
0.08
0.09
14
13
12
11
10
9
8
7
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
GAIN
PHASE
GAIN = +2
RF = 750
RL = 150
fC = 3.58MHz
100 IRE
MODULATED RAMP
SUPPLY VOLTAGE – ± Volts
Ω
Ω
Differential Gain and Phase vs. Supply Voltage


Similar Part No. - ADEL2020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADEL2020AN AD-ADEL2020AN Datasheet
202Kb / 12P
Improved Second Source to the EL2020
REV. A
ADEL2020AR-20 AD-ADEL2020AR-20 Datasheet
202Kb / 12P
Improved Second Source to the EL2020
REV. A
ADEL2020AR-20-REEL AD-ADEL2020AR-20-REEL Datasheet
202Kb / 12P
Improved Second Source to the EL2020
REV. A
ADEL2020 AD-ADEL2020_15 Datasheet
202Kb / 12P
Improved Second Source to the EL2020
REV. A
More results

Similar Description - ADEL2020

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VTD205 PERKINELMER-VTD205 Datasheet
21Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD205K PERKINELMER-VTD205K Datasheet
21Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD206 PERKINELMER-VTD206 Datasheet
26Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD206K PERKINELMER-VTD206K Datasheet
26Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD31AA PERKINELMER-VTD31AA Datasheet
25Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD34 PERKINELMER-VTD34 Datasheet
24Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD34F PERKINELMER-VTD34F Datasheet
42Kb / 1P
Alternate Source/ Second Source Photodiodes
logo
QT Optoelectronics
HLMP-3300 QT-HLMP-3300 Datasheet
199Kb / 3P
SECOND SOURCE T-1 3/4 SOLID STATE LAMPS
logo
Analog Devices
ADEL2020 AD-ADEL2020_15 Datasheet
202Kb / 12P
Improved Second Source to the EL2020
REV. A
logo
STMicroelectronics
AN1019 STMICROELECTRONICS-AN1019 Datasheet
78Kb / 4P
Second source for SNAPHAT
01-Nov-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com