Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADEL2020 Datasheet(PDF) 3 Page - Analog Devices

Part # ADEL2020
Description  Improved Second Source to the EL2020
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADEL2020 Datasheet(HTML) 3 Page - Analog Devices

  ADEL2020 Datasheet HTML 1Page - Analog Devices ADEL2020 Datasheet HTML 2Page - Analog Devices ADEL2020 Datasheet HTML 3Page - Analog Devices ADEL2020 Datasheet HTML 4Page - Analog Devices ADEL2020 Datasheet HTML 5Page - Analog Devices ADEL2020 Datasheet HTML 6Page - Analog Devices ADEL2020 Datasheet HTML 7Page - Analog Devices ADEL2020 Datasheet HTML 8Page - Analog Devices ADEL2020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADEL2020
REV. A
–3–
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
ADEL2020 is limited by the associated rise in junction tem-
perature. For the plastic packages, the maximum safe junction
temperature is 145
°C. If the maximum is exceeded momen-
tarily, proper circuit operation will be restored as soon as the
die temperature is reduced. Leaving the device in the “over-
heated” condition for an extended period can result in device
burnout. To ensure proper operation, it is important to observe
the derating curves below.
While the ADEL2020 is internally short circuit protected, this
may not be sufficient to guarantee that the maximum junction
temperature is not exceeded under all conditions.
2.4
0.4
100
1.0
0.6
–20
0.8
–40
1.6
1.2
1.4
1.8
2.0
2.2
80
60
40
20
0
AMBIENT TEMPERATURE –
°C
8-PIN
MINI-DIP
20-PIN SOIC
Maximum Power Dissipation vs. Temperature
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation2 . . . . . . . Observe Derating Curves
Output Short Circuit Duration . . . . Observe Derating Curves
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . .
±6 V
Storage Temperature Range
Plastic DIP and SOIC . . . . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (Soldering 60 sec) . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
28-Pin Plastic Package:
θ
JA = 90°C/Watt
20-Pin SOIC Package:
θ
JA = 150°C/Watt
ESD SUSCEPTIBILITY
ESD (electrostatic discharge) sensitive device. Electrostatic
charges as high as 4000 volts, which readily accumulate on the
human body and on test equipment, can discharge without
detection. Although the ADEL2020 features ESD protection
circuitry, permanent damage may still occur on these devices if
they are subjected to high energy electrostatic discharges.
Therefore, proper ESD precautions are recommended to avoid
any performance degradation or loss of functionality.
1
5
7
3
2
3
0.1µF
+VS
4
6
ADEL2020
0.1µF
–VS
10k
Offset Null Configuration
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADEL2020AN
–40
°C to +85°C
8-Pin Plastic DIP
N-8
ADEL2020AR-20
–40
°C to +85°C
20-Pin Plastic SOIC
R-20
ADEL2020AR-20-REEL
–40
°C to +85°C
20-Pin Plastic SOIC
R-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com