Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADEL2020 Datasheet(PDF) 7 Page - Analog Devices

Part # ADEL2020
Description  Improved Second Source to the EL2020
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADEL2020 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADEL2020 Datasheet HTML 3Page - Analog Devices ADEL2020 Datasheet HTML 4Page - Analog Devices ADEL2020 Datasheet HTML 5Page - Analog Devices ADEL2020 Datasheet HTML 6Page - Analog Devices ADEL2020 Datasheet HTML 7Page - Analog Devices ADEL2020 Datasheet HTML 8Page - Analog Devices ADEL2020 Datasheet HTML 9Page - Analog Devices ADEL2020 Datasheet HTML 10Page - Analog Devices ADEL2020 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADEL2020
REV. A
–7–
7
3
2
3
0.1µF
+V
S
6
ADEL2020
–V
S
270
Ω
4
0.1µF
R
L
R
T
V
IN
V
O
30
Ω
Figure 13. Connection Diagram for AVCL = +10
0
–45
–90
–135
–180
–225
–270
FREQUENCY – MHz
10
100
1
1000
GAIN = +10
RF = 270
RL = 150
VS = ±15V
±5V
VS = ±15V
±5V
PHASE
GAIN
20
15
19
18
17
16
21
Ω
Ω
Figure 14. Closed-Loop Gain and Phase vs. Frequency,
G = +10, RL = 150 kΩ
20
15
19
18
17
16
21
0
–45
–90
–135
–180
–225
–270
FREQUENCY – MHz
10
100
1
1000
GAIN = +10
RF = 270
RL = 1k
PHASE
GAIN
VS = ±15V
±5V
VS = ±15V
±5V
Ω
Ω
Figure 15. Closed-Loop Gain and Phase vs. Frequency,
G = +10, RL = 1 k
Ω
40
20
2
30
70
50
60
80
90
100
18
16
14
12
10
8
6
4
PEAKING
0.5dB
PEAKING
0.1dB
SUPPLY VOLTAGE – ±Volts
RF = 232
RF = 442
RF = 1k
G = +10
RL = 150
VO = 250mV p-p
Ω
≤
≤
Ω
Ω
Ω
Figure 16. –3 dB Bandwidth vs. Supply Voltage,
Gain = +10, RL = 150 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com