Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADEL2020 Datasheet(PDF) 8 Page - Analog Devices

Part # ADEL2020
Description  Improved Second Source to the EL2020
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADEL2020 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADEL2020 Datasheet HTML 4Page - Analog Devices ADEL2020 Datasheet HTML 5Page - Analog Devices ADEL2020 Datasheet HTML 6Page - Analog Devices ADEL2020 Datasheet HTML 7Page - Analog Devices ADEL2020 Datasheet HTML 8Page - Analog Devices ADEL2020 Datasheet HTML 9Page - Analog Devices ADEL2020 Datasheet HTML 10Page - Analog Devices ADEL2020 Datasheet HTML 11Page - Analog Devices ADEL2020 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADEL2020
REV. A
–8–
30
15
0
100k
1M
100M
10M
10
5
20
25
FREQUENCY – Hz
OUTPUT LEVEL FOR 3% THD
VS = ±15V
VS = ±5V
Figure 17. Maximum Undistorted Output Voltage vs.
Frequency
80
40
100k
100M
10M
1M
10k
20
60
50
30
10
70
FREQUENCY – Hz
CURVES ARE FOR WORST CASE
CONDITION WHERE ONE SUPPLY
IS VARIED WHILE THE OTHER IS
HELD CONSTANT
VS = ±15V
VS = ±5V
RF = 715
AV = +2
Ω
Figure 18. Power Supply Rejection vs. Frequency
100
10
1
100
10
1
10
100
1k
10k
100k
INVERTING INPUT
CURRENT
NONINVERTING
INPUT CURRENT
FREQUENCY – Hz
VS = ±5V TO ±15V
VOLTAGE NOISE
Figure 19. Input Voltage and Current Noise vs. Frequency
10.0
0.01
100k
100M
10M
1M
10k
1.0
0.1
FREQUENCY – Hz
VS = ±15V
VS = ±5V
GAIN = 2
RF = 715Ω
Figure 20. Closed-Loop Output Resistance vs. Frequency
10
4
140
7
5
–40
6
–60
9
8
120
80
60
40
100
20
0
–20
JUNCTION TEMPERATURE –
°C
VS = ±15V
VS = ±5V
Figure 21. Supply Current vs. Junction Temperature
1200
200
2
400
800
600
1000
18
16
14
12
10
8
6
4
SUPPLY VOLTAGE – ±Volts
RL = 400
GAIN = –10
GAIN = +10
GAIN = +2
Ω
Figure 22. Slew Rate vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com