Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1653 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1653
Description  Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1653_09 Datasheet HTML 2Page - ON Semiconductor NCP1653_09 Datasheet HTML 3Page - ON Semiconductor NCP1653_09 Datasheet HTML 4Page - ON Semiconductor NCP1653_09 Datasheet HTML 5Page - ON Semiconductor NCP1653_09 Datasheet HTML 6Page - ON Semiconductor NCP1653_09 Datasheet HTML 7Page - ON Semiconductor NCP1653_09 Datasheet HTML 8Page - ON Semiconductor NCP1653_09 Datasheet HTML 9Page - ON Semiconductor NCP1653_09 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NCP1653, NCP1653A
http://onsemi.com
6
TYPICAL CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (°C)
2.0
2.2
2.4
2.6
2.8
3.0
−50
0
25
50
75
100
125
−25
IFB, FEEDBACK PIN CURRENT (mA)
1
1.5
2
2.5
50
100
150
200
250
0
TJ, JUNCTION TEMPERATURE (°C)
100
102
104
106
108
110
112
−50
0
25
50
75
100
125
−25
114
116
120
TJ = 25°C
0
0.5
118
TJ = −40°C
TJ = 125°C
Figure 7. Regulation Block
Figure 8. Regulation Block Ratio vs.
Temperature
0
0.5
1
1.5
2
3
100
120
140
160
180
200
220
IFB, FEEDBACK CURRENT (mA)
TJ = 25°C
2.5
TJ = 125°C
TJ = −40°C
Figure 9. Maximum Control Voltage vs.
Temperature
Figure 10. Feedback Pin Voltage vs.
Temperature
Figure 11. Feedback Pin Voltage vs. Feedback
Current
Figure 12. Overvoltage Protection Ratio
vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
90
91
92
93
94
95
96
−50
0
25
50
75
100
125
−25
97
98
99
100
TJ, JUNCTION TEMPERATURE (°C)
1
1.5
2
2.5
−25
0
25
100
125
−50
0
0.5
IFB = 200 mA
2.1
2.3
2.5
2.7
2.9
50
75
IFB = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com