Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1653 Datasheet(PDF) 14 Page - ON Semiconductor

Part # NCP1653
Description  Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button NCP1653_09 Datasheet HTML 10Page - ON Semiconductor NCP1653_09 Datasheet HTML 11Page - ON Semiconductor NCP1653_09 Datasheet HTML 12Page - ON Semiconductor NCP1653_09 Datasheet HTML 13Page - ON Semiconductor NCP1653_09 Datasheet HTML 14Page - ON Semiconductor NCP1653_09 Datasheet HTML 15Page - ON Semiconductor NCP1653_09 Datasheet HTML 16Page - ON Semiconductor NCP1653_09 Datasheet HTML 17Page - ON Semiconductor NCP1653_09 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
NCP1653, NCP1653A
http://onsemi.com
14
calculation to always be the peak of the sinusoidal voltage
due to very little current consumption (i.e., Vin = √2 Vac and
Ivac ≈ 0). This Ivac current represents the RMS input voltage
Vac and will be used in overpower limitation (OPL) and the
PFC duty modulation.
Figure 37. Input Voltage Sensing
In
Current
Mirror
3
12 k
Cvac
Rvac
Ivac
4 V
Vin
9 V
There is an internal 9 V ESD Zener Diode on the pin.
Hence, the value of Rvac is recommended to be at least
938 k
W for possibly up to 400 V instantaneous input voltage.
Rvac
400 V * 9V
u
12 kW
9V * 4V
(eq.19)
Rvac u 938 kW
Overpower Limitation (OPL)
Sense current IS represents the inductor current IL and
hence represents the input current approximately.
Input−voltage current Ivac represents the RMS input
voltage Vac and hence represents the input voltage. Their
product (IS × Ivac) represents an approximated input power
(IL × Vac).
Figure 38. Overpower Limitation Reduces Vcontrol
FB
ref
ref
reg
300 k
Vcontrol
V
I
I
96% I
Limitation
Overpower
Regulation Block
2
0
1
When the product (IS × Ivac) is greater than a permissible
level 3 nA2, the output Vreg of the regulation block is pulled
to 0 V. It makes Vcontrol to be 0 V indirectly and VM is
pulled to be its maximum. It generates the minimum duty
ratio or no duty ratio eventually so that the input power is
limited. The OPL is automatically deactivated when the
product (IS × Ivac) becomes lower than the 3 nA2 level. This
3 nA2 level corresponds to the approximated input power
(IL × Vac) to be smaller than the particular expression in
(eq.20).
IS Ivac t 3nA2
IL @
RCS
RS
Vac @
2
Rvac ) 12 kW
t 3nA2
IL @ Vac t
RS
RCS
Rvac ) 12 kW
2
3nA2
(eq.20)
Biasing the Controller
It is recommended to add a typical 1 nF to 100 nF
decoupling capacitor next to the VCC pin for proper operation.
When the NCP1653 operates in follower boost mode, the PFC
output voltage is not always regulated at a particular level
under all application range of input voltage and load power.
It is not recommended to make a low−voltage bias supply
voltage by adding an auxiliary winding on the PFC boost
inductor. Alternatively, it is recommended to get the VCC
biasing supply from the second−stage power conversion stage
as shown in Figure 39.
Figure 39. Recommended Biasing Scheme in
Follower Boost Mode
AC
Input
Output
EMI
Filter
NCP1653
V
cc
V
bulk
Second−stage
Power Converter
Voltage
When the NCP1653 operates in constant output voltage
mode, it is possible to make a low−voltage bias supply by
adding an auxiliary winding on the PFC boost inductor in
Figure 40. In PFC boost circuit, the input is the rectified AC
voltage and it is non−constant versus time that makes the
auxiliary winding voltage also non−constant. Hence, the
configuration in Figure 40 charges the voltages in
capacitors C1 and C2 to n
×(Vout − Vin) and n×Vin and n is
the turn ratio. As a result, the stack of the voltages is n
×Vout
that is constant and can be used as a biasing voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com