Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1653 Datasheet(PDF) 17 Page - ON Semiconductor

Part # NCP1653
Description  Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button NCP1653_09 Datasheet HTML 11Page - ON Semiconductor NCP1653_09 Datasheet HTML 12Page - ON Semiconductor NCP1653_09 Datasheet HTML 13Page - ON Semiconductor NCP1653_09 Datasheet HTML 14Page - ON Semiconductor NCP1653_09 Datasheet HTML 15Page - ON Semiconductor NCP1653_09 Datasheet HTML 16Page - ON Semiconductor NCP1653_09 Datasheet HTML 17Page - ON Semiconductor NCP1653_09 Datasheet HTML 18Page - ON Semiconductor NCP1653_09 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
NCP1653, NCP1653A
http://onsemi.com
17
APPENDIX I – SUMMARY OF EQUATIONS IN NCP1653 BOOST PFC
Description
Follower Boost Mode
Constant Output Voltage Mode
Boost Converter
Vout
Vin
+
t1 ) t2
t2
+
T
T * t1
Same as Follower Boost Mode
³ Vout*Vin
Vout
+
t1
t1 ) t2 +
t1
T
Input Current Averaged by
Filter Capacitor
Iin + IL * 50
Same as Follower Boost Mode
Nominal Output Voltage (IFB
= 200 mA)
Vout(nom) + IFBRFB ) VFB1
[ IFBRFB + 200 mA @ RFB
Same as Follower Boost Mode
Feedback Pin Voltage VFB1
Please refer to Figure 11.
Same as Follower Boost Mode
Output Voltage
Vin t Vout t 192 mA @ RFB
192 mA @ RFB t Vout t 200 mA @ RFB
Inductor Current
Peak−Peak Ripple
DIL(pk * pk) t 2 @ IL * 50
Same as Follower Boost Mode
Control Current
Icontrol + Icontrol(max) +
Iref
2
+ 100 mA
Icontrol +
Icontrol(max)
0.04
1 *
Vout
RFBIref
and Icontrol t Icontrol(max) + 100 mA
Switching Frequency
f + 67 or 100 kHz
Same as Follower Boost Mode
Minimum Inductor for CCM
L u L(CRM) +
Vout * Vin
Vout
Vin
DIL(pk * pk)
1
f
Same as Follower Boost Mode
Input Impedance
Zin +
RMRCSVacVout
RSR vacIrefVref
Zin +
RM RCS Vac Vout
2RS R vac Icontrol Vref
Input Power
Pin +
RS R vac Iref Vref
RM RCS
Vac
Vout
Pin +
2RSR vacVref
RMRCS
IcontrolVac
Vout
Output Power
Pout + hPin +
hRS R vac Iref Vref
RM RCS
Vac
Vout
Pout +
h2RS R vac Vref
RM RCS
Icontrol Vac
Vout
Maximum Input Power when
Icontrol = 100 mA
Pin(max) + Pin +
RS R vac Iref Vref
RM RCS
Vac
Vout
Circuit will enter follower boost region when
maximum power is reached.
Current Limit
IL(OCP) +
RS
RCS
@ 200 mA
Same as Follower Boost Mode
Power Limit
IL @ VAC t
RS
RCS
Rvac ) 12 kW
2
@ 3nA2
Same as Follower Boost Mode
Output Overvoltage
Vout(OVP) + 107% @ Vout(nom)
[ 214 mA @ RFB
Same as Follower Boost Mode
Output Undervoltage
Vout(UVP * on) + 8% @ Vout(nom)
[ 16 mA @ RFB
Vout(UVP * off) + 12% @ Vout(nom)
[ 24 mA @ RFB
Same as Follower Boost Mode
Input Voltage Sense Pin
Resistor Rvac
Rvac u 938 kWand R vac +
Rvac ) 12 kW
2
Same as Follower Boost Mode
PWM Comparator
Reference Voltage
Vref + 2.62 V
Same as Follower Boost Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com