Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1653 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1653
Description  Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1653_09 Datasheet HTML 1Page - ON Semiconductor NCP1653_09 Datasheet HTML 2Page - ON Semiconductor NCP1653_09 Datasheet HTML 3Page - ON Semiconductor NCP1653_09 Datasheet HTML 4Page - ON Semiconductor NCP1653_09 Datasheet HTML 5Page - ON Semiconductor NCP1653_09 Datasheet HTML 6Page - ON Semiconductor NCP1653_09 Datasheet HTML 7Page - ON Semiconductor NCP1653_09 Datasheet HTML 8Page - ON Semiconductor NCP1653_09 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NCP1653, NCP1653A
http://onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin
Symbol
Name
Function
1
FB / SD
Feedback /
Shutdown
This pin receives a feedback current IFB which is proportional to the PFC circuit output voltage.
The current is for output regulation, output overvoltage protection (OVP), and output undervoltage
protection (UVP).
When IFB goes above 107% Iref, OVP is activated and the Drive Output is disabled.
When IFB goes below 8% Iref, the device enters a low−consumption shutdown mode.
2
Vcontrol
Control Voltage /
Soft−Start
The voltage of this pin Vcontrol directly controls the input impedance and hence the power factor of
the circuit. This pin is connected to an external capacitor Ccontrol to limit the Vcontrol bandwidth
typically below 20 Hz to achieve near unity power factor.
The device provides no output when Vcontrol = 0 V. Hence, Ccontrol also works as a soft−start
capacitor.
3
In
Input Voltage
Sense
This pin sinks an input−voltage current Ivac which is proportional to the RMS input voltage Vac.
The current Ivac is for overpower limitation (OPL) and PFC duty cycle modulation. When the
product (IS⋅Ivac) goes above 3 nA2, OPL is activated and the Drive Output duty ratio is reduced by
pulling down Vcontrol indirectly to reduce the input power.
4
CS
Input Current
Sense
This pin sources a current IS which is proportional to the inductor current IL. The sense current IS
is for overcurrent protection (OCP), overpower limitation (OPL) and PFC duty cycle modulation.
When IS goes above 200 mA, OCP is activated and the Drive Output is disabled.
5
VM
Multiplier
Voltage
This pin provides a voltage VM for the PFC duty cycle modulation. The input impedance of the
PFC circuit is proportional to the resistor RM externally connected to this pin. The device operates
in average current−mode if an external capacitor CM is connected to the pin. Otherwise, it
operates in peak current−mode.
6
GND
The IC Ground
7
Drv
Drive Output
This pin provides an output to an external MOSFET.
8
VCC
Supply Voltage
This pin is the positive supply of the device. The operating range is between 8.75 V and 18 V with
UVLO start threshold 13.25 V.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
FB, Vcontrol, In, CS, VM Pins (Pins 1−5)
Maximum Voltage Range
Maximum Current
Vmax
Imax
−0.3 to +9
100
V
mA
Drive Output (Pin 7)
Maximum Voltage Range
Maximum Current Range (Note 1)
Vmax
Imax
−0.3 to +18
1.5
V
A
Power Supply Voltage (Pin 8)
Maximum Voltage Range
Maximum Current
Vmax
Imax
−0.3 to +18
100
V
mA
Transient Power Supply Voltage, Duration < 10 ms, IVCC < 20 mA
25
V
Power Dissipation and Thermal Characteristics
P suffix, Plastic Package, Case 626
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance Junction−to−Air
D suffix, Plastic Package, Case 751
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance Junction−to−Air
PD
RqJA
PD
RqJA
800
100
450
178
mW
°C/W
mW
°C/W
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
A.
This device series contains ESD protection and exceeds the following tests:
Pins 1−8: Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 190 V.
B.
This device contains Latchup protection and exceeds ±100 mA per JEDEC Standard JESD78.
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com