Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1653 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1653
Description  Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1653_09 Datasheet HTML 1Page - ON Semiconductor NCP1653_09 Datasheet HTML 2Page - ON Semiconductor NCP1653_09 Datasheet HTML 3Page - ON Semiconductor NCP1653_09 Datasheet HTML 4Page - ON Semiconductor NCP1653_09 Datasheet HTML 5Page - ON Semiconductor NCP1653_09 Datasheet HTML 6Page - ON Semiconductor NCP1653_09 Datasheet HTML 7Page - ON Semiconductor NCP1653_09 Datasheet HTML 8Page - ON Semiconductor NCP1653_09 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NCP1653, NCP1653A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C. For min/max values, TJ = −40°C to +125°C, VCC = 15 V,
IFB = 100 mA, Ivac = 30 mA, IS = 0 mA, unless otherwise specified)
Characteristics
Pin
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Switching Frequency
NCP1653
NCP1653A
7
fSW
90
60.3
102
67
110
73.7
kHz
Maximum Duty Cycle (VM = 0 V) (Note 3)
7
Dmax
94
%
GATE DRIVE
Gate Drive Resistor
Output High and Draw 100 mA out of Drv pin (Isource = 100 mA)
Output Low and Insert 100 mA into Drv pin (Isink = 100 mA)
7
ROH
ROL
5.0
2.0
9.0
6.6
20
18
W
W
Gate Drive Rise Time from 1.5 V to 13.5 V (Drv = 2.2 nF to Gnd)
7
tr
88
ns
Gate Drive Fall Time from 13.5 V to 1.5 V (Drv = 2.2 nF to Gnd)
7
tf
61.5
ns
FEEDBACK / OVERVOLTAGE PROTECTION / UNDERVOLTAGE PROTECTION
Reference Current (VM = 3 V)
1
Iref
192
204
208
mA
Regulation Block Ratio
1
IregL/Iref
95
96
98
%
Vcontrol Pin Internal Resistor
2
Rcontrol
300
kW
Maximum Control Voltage (IFB = 100 mA)
2
Vcontrol(max)
2.4
V
Maximum Control Current (Icontrol(max) = Iref / 2)
2
Icontrol(max)
100
mA
Feedback Pin Voltage (IFB = 100 mA)
Feedback Pin Voltage (IFB = 200 mA)
1
VFB1
1.0
1.3
1.5
1.8
1.9
2.2
V
V
Overvoltage Protection
OVP Ratio
Current Threshold
Propagation Delay
1
IOVP/Iref
IOVP
tOVP
104
107
214
500
230
%
mA
ns
Undervoltage Protection (VM = 3 V)
UVP Activate Threshold Ratio
UVP Deactivate Threshold Ratio
UVP Lockout Hysteresis
Propagation Delay
1
IUVP(on)/Iref
IUVP(off)/Iref
IUVP(H)
tUVP
4.0
7.0
4.0
8.0
12
8.0
500
15
20
%
%
mA
ns
CURRENT SENSE
Current Sense Pin Offset Voltage (IS = 100 mA)
4
VS
0
10
30
mV
Overcurrent Protection Threshold (VM = 1 V)
4
IS(OCP)
185
200
215
mA
OVERPOWER LIMITATION
Input Voltage Sense Pin Internal Resistor
4
Rvac(int)
12
kW
Over Power Limitation Threshold
3−4
IS × Ivac
3.0
nA2
Sense Current Threshold (Ivac = 30 mA, VM = 3 V)
Sense Current Threshold (Ivac = 100 mA, VM = 3 V)
4
IS(OPL1)
IS(OPL2)
80
24
100
32
140
48
mA
mA
CURRENT MODULATION
PWM Comparator Reference Voltage
5
Vref
2.25
2.62
2.75
V
Multiplier Current (Vcontrol = Vcontrol(max), Ivac = 30 mA, IS = 25 mA)
Multiplier Current (Vcontrol = Vcontrol(max), Ivac = 30 mA, IS = 75 mA)
Multiplier Current (Vcontrol = Vcontrol(max) / 10, Ivac = 30 mA, IS = 25 mA)
Multiplier Current (Vcontrol = Vcontrol(max) / 10, Ivac = 30 mA, IS = 75 mA)
5
IM1
IM2
IM3
IM4
1.0
3.2
10
30
2.85
9.5
35
103.5
5.8
18
58
180
mA
mA
mA
mA
THERMAL SHUTDOWN
Thermal Shutdown Threshold (Note 2)
TSD
150
°C
Thermal Shutdown Hysteresis
30
°C
2. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com