Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3022 Datasheet(PDF) 34 Page - Analog Devices

Part # ADAS3022
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADAS3022 Datasheet HTML 30Page - Analog Devices ADAS3022 Datasheet HTML 31Page - Analog Devices ADAS3022 Datasheet HTML 32Page - Analog Devices ADAS3022 Datasheet HTML 33Page - Analog Devices ADAS3022 Datasheet HTML 34Page - Analog Devices ADAS3022 Datasheet HTML 35Page - Analog Devices ADAS3022 Datasheet HTML 36Page - Analog Devices ADAS3022 Datasheet HTML 37Page - Analog Devices ADAS3022 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
ADAS3022
Data Sheet
Rev. A | Page 34 of 40
CS
n
n
x
x
n
n – 1
n + 2
n + 3
SDO
DIN
SCK
CNV
BUSY
SOC
SOC
EOC
tCCS
tDDC
tDDCA
tAD
n + 1
x
n + 1
n
n + 3
tDAC
Figure 71. Data Access Spanning Conversion
GENERAL TIMING
Figure 72 is a general timing diagram showing the complete
register to conversion and readback pipeline delay. The figure
details the timing upon power-up or upon returning from a full
power-down by use of the PD input. Figure 73 and Figure 74 show
the general timing diagrams when only the auxiliary ADC input
channel pair is enabled for the data read during conversion (RDC)
mode and the read after conversion (RAC) mode, respectively.
ACQUISITION (n)
UNDEFINED
PHASE
POWER
UP
CONVERSION (n – 1)
UNDEFINED
CNV
BUSY
DIN
CS
SDO
NOTES
1. DATA ACCESS CAN OCCUR DURING A CONVERSION (
tDDC), AFTER A CONVERSION (tDAC), OR BOTH DURING AND AFTER A CONVERSION.
THE CONVERSION RESULT AND THE CFG REGISTER ARE UPDATED AT THE END OF A CONVERSION (EOC).
2. DATA ACCESS CAN ALSO OCCUR UP TO
tDDCA WHILE BUSY IS ACTIVE (SEE THE DIGITAL INTERFACE SECTION FOR DETAILS). ALL OF THE BUSY
TIME CAN BE USED TO ACQUIRE DATA.
3. A TOTAL OF 16 SCK FALLING EDGES IS REQUIRED FOR A CONVERSION RESULT. AN ADDITIONAL 16 EDGES ARE REQUIRED TO
READ BACK THE CFG RESULT ASSOCIATED WITH THE CURRENT CONVERSION.
4. CS CAN BE HELD LOW OR CONNECTED TO CNV. CS WITH FULL INDEPENDENT CONTROL IS SHOWN IN THIS FIGURE.
5. FOR OPTIMAL PERFORMANCE, DATA ACCESS SHOULD NOT OCCUR DURING THE SAMPLING EDGE. A MINIMUM TIME
OF THE APERTURE DELAY (
tAD) SHOULD ELAPSE PRIOR TO DATA ACCESS.
DATA
INVALID
SCK
1
1
1
16/32
16
16
X
16
NOTE 3
NOTE 1
NOTE 2
NOTE 2
NOTE 1
NOTE 4
NOTE 5
CFG
INVALID
CFG (n + 2)
DATA (n – 1)
INVALID
ACQUISITION (n + 1)
UNDEFINED
CONVERSION (n)
UNDEFINED
DATA (n – 1)
INVALID
CFG (n + 2)
CFG (n + 3)
DATA (n)
INVALID
ACQUISITION
(n + 2)
CONVERSION (n + 1)
UNDEFINED
DATA (n)
INVALID
CFG (n + 3)
CFG (n + 4)
DATA (n + 1)
INVALID
ACQUISITION
(n + 3)
PHASE
CONVERSION
(n + 2)
CNV
BUSY
DIN
CS
SDO
DATA (n + 1)
INVALID
SCK
1
1
CFG (n + 4)
CFG (n + 5)
DATA (n + 2)
ACQUISITION
(n + 4)
CONVERSION
(n + 3)
DATA (n + 2)
CFG (n + 5)
CFG (n + 6)
DATA (n + 3)
CONVERSION
(n + 4)
DATA (n + 3)
CFG (n + 6)
EOC
EOC
EOC
EOC
EOC
SOC
SOC
tDDC
tCYC
tQUIET
tDAC
tACQ
tAD
tDDCA
Figure 72. General Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com