Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3022 Datasheet(PDF) 3 Page - Analog Devices

Part # ADAS3022
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022 Datasheet(HTML) 3 Page - Analog Devices

  ADAS3022 Datasheet HTML 1Page - Analog Devices ADAS3022 Datasheet HTML 2Page - Analog Devices ADAS3022 Datasheet HTML 3Page - Analog Devices ADAS3022 Datasheet HTML 4Page - Analog Devices ADAS3022 Datasheet HTML 5Page - Analog Devices ADAS3022 Datasheet HTML 6Page - Analog Devices ADAS3022 Datasheet HTML 7Page - Analog Devices ADAS3022 Datasheet HTML 8Page - Analog Devices ADAS3022 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Data Sheet
ADAS3022
Rev. A | Page 3 of 40
SPECIFICATIONS
VDDH = 15 V ± 5%, VSSH = −15 V ± 5%, AVDD = DVDD = 5 V ± 5%, VIO = 1.8 V to AVDD, internal reference, VREF = 4.096 V,
fS = 1 MSPS. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
RESOLUTION
16
Bits
ANALOG INPUTS—IN[7:0], COM
Operating Input Voltage Range
VIN
−VSSH + 2.5
VDDH − 2.5
V
Differential Input Voltage Range, VIN
VIN+ − VIN−
PGIA gain = 0.16, VIN = 49.15 V p-p
−6VREF
+6VREF
V
PGIA gain = 0.2, VIN = 40.96 V p-p
−5VREF
+5VREF
V
PGIA gain = 0.4, VIN = 20.48 V p-p
−2.5VREF
+2.5VREF
V
PGIA gain = 0.8, VIN = 10.24 V p-p
−1.25VREF
+1.25VREF
V
PGIA gain = 1.6, VIN = 5.12 V p-p
−0.625VREF
+0.625VREF
V
PGIA gain = 3.2, VIN = 2.56 V p-p
−0.3125VREF
+0.3125VREF
V
PGIA gain = 6.4, VIN = 1.28 V p-p
−0.1563VREF
+0.1563VREF
V
Channel Off Leakage
±0.6
nA
Channel On Leakage
±0.02
nA
Common-Mode Voltage Range2
VIN+, VIN−; full-scale differential inputs
PGIA gain = 0.4
−5.12
+5.12
V
PGIA gain = 0.8
−7.68
+7.68
V
PGIA gain = 1.6
−8.96
+8.96
V
PGIA gain = 3.2
−9.60
+9.60
V
PGIA gain = 6.4
−9.92
+9.92
V
ANALOG INPUTS—AUX+, AUX−
Differential Input Voltage Range
−VREF
+VREF
V
THROUGHPUT
Conversion Rate
One channel/one pair
0
1000
kSPS
Two channels/two pairs
0
500
kSPS
Four channels/four pairs
0
250
kSPS
Eight channels
0
125
kSPS
Transient Response
Full-scale step
520
ns
DC ACCURACY
No Missing Codes
16
Bits
Integral Linearity Error
PGIA gain = 0.16, 0.2, 0.4, 0.8, 1.6
−2
±0.6
+2
LSB
PGIA gain = 3.2
−3
±1.0
+3
LSB
PGIA gain = 6.4
−5
±1.5
+5
LSB
Differential Linearity Error
PGIA gain = 0.16, 0.2, 0.4, 0.8, 1.6
−0.9
±0.6
+1.0
LSB
PGIA gain = 3.2
−0.9
±0.75
+1.25
LSB
PGIA gain = 6.4
−0.9
±0.75
+1.25
LSB
Transition Noise
External reference
PGIA gain = 0.16, 0.2, 0.4, 0.8, 1.6
5
LSB
PGIA gain = 3.2
7
LSB
PGIA gain = 6.4
11
LSB
Gain Error
External reference, all PGIA gains, TA = 25°C
−9
+9
LSB
Gain Error Temperature Drift
External reference, all PGIA gains
0.1
ppm/°C
Offset Error
External reference, TA = 25°C
PGIA gain = 0.16, 0.2, 0.4, 0.8
−3.0
+0.2
+3.0
LSB
PGIA gain = 1.6
−4.0
+0.2
+4.0
LSB
PGIA gain = 3.2
−7.5
+0.2
+7.5
LSB
PGIA gain = 6.4
−12.5
+0.2
+12.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com