Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3022 Datasheet(PDF) 4 Page - Analog Devices

Part # ADAS3022
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022 Datasheet(HTML) 4 Page - Analog Devices

  ADAS3022 Datasheet HTML 1Page - Analog Devices ADAS3022 Datasheet HTML 2Page - Analog Devices ADAS3022 Datasheet HTML 3Page - Analog Devices ADAS3022 Datasheet HTML 4Page - Analog Devices ADAS3022 Datasheet HTML 5Page - Analog Devices ADAS3022 Datasheet HTML 6Page - Analog Devices ADAS3022 Datasheet HTML 7Page - Analog Devices ADAS3022 Datasheet HTML 8Page - Analog Devices ADAS3022 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADAS3022
Data Sheet
Rev. A | Page 4 of 40
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
Offset Error Temperature Drift
External reference
PGIA gain = 0.16, 0.2, 0.4, 0.8
0.1
0.5
ppm/°C
PGIA gain = 1.6
0.2
1.0
ppm/°C
PGIA gain = 3.2
0.4
2.0
ppm/°C
PGIA gain = 6.4
0.8
4.0
ppm/°C
Total Unadjusted Error
External reference, TA = 25°C
PGIA gain = 0.16, 0.2, 0.4, 0.8, 1.6, 3.2
−9
+9
LSB
PGIA gain = 6.4
−15
+15
LSB
AC ACCURACY3
Signal-to-Noise Ratio (SNR)
fIN = 10 kHz
PGIA gain = 0.16
90.0
91.5
dB
PGIA gain = 0.2
90.0
91.5
dB
PGIA gain = 0.4
89.5
91.5
dB
PGIA gain = 0.8
89.0
91.0
dB
PGIA gain = 1.6
88.0
89.7
dB
PGIA gain = 3.2
86.0
86.8
dB
PGIA gain = 6.4
83.0
84.5
dB
Signal-to-Noise-and-Distortion
(SINAD)
fIN = 10 kHz
PGIA gain = 0.16
88.0
90.0
dB
PGIA gain = 0.2
88.0
90.0
dB
PGIA gain = 0.4
88.5
91.0
dB
PGIA gain = 0.8
88.5
90.5
dB
PGIA gain = 1.6
87.5
89.5
dB
PGIA gain = 3.2
85.5
86.5
dB
PGIA gain = 6.4
82.5
84.0
dB
Dynamic Range
fIN = 10 kHz, −60 dB input
PGIA gain = 0.16
91.0
92.0
dB
PGIA gain = 0.2
91.0
92.0
dB
PGIA gain = 0.4
90.5
91.5
dB
PGIA gain = 0.8
90.0
91.0
dB
PGIA gain = 1.6
89.0
90.0
dB
PGIA gain = 3.2
86.0
87.0
dB
PGIA gain = 6.4
83.5
85.0
dB
Total Harmonic Distortion
fIN = 10 kHz, all PGIA gains
−100
dB
Spurious-Free Dynamic Range
fIN = 10 kHz, all PGIA gains
101
dB
Channel-to-Channel Crosstalk
fIN = 10 kHz, all channels inactive
−120
dB
Common-Mode Rejection Ratio
(CMRR)
fIN = 2 kHz
PGIA gain = 0.16, 0.2, 0.4, 0.8
90.0
110.0
dB
PGIA gain = 1.6
90.0
105.0
dB
PGIA gain = 3.2
90.0
98.0
dB
PGIA gain = 6.4
90.0
98.0
dB
−3 dB Input Bandwidth
−40 dBFS
8
MHz
AUXILIARY ADC INPUT CHANNEL
DC Accuracy
External reference
Integral Nonlinearity Error
−1.5
±0.5
+1.5
LSB
Differential Nonlinearity Error
−0.8
±0.6
+1.0
LSB
Gain Error
−2.5
±0.2
+2.5
LSB
Offset Error
−5
±0.2
+5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com