Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3022 Datasheet(PDF) 20 Page - Analog Devices

Part # ADAS3022
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADAS3022 Datasheet HTML 16Page - Analog Devices ADAS3022 Datasheet HTML 17Page - Analog Devices ADAS3022 Datasheet HTML 18Page - Analog Devices ADAS3022 Datasheet HTML 19Page - Analog Devices ADAS3022 Datasheet HTML 20Page - Analog Devices ADAS3022 Datasheet HTML 21Page - Analog Devices ADAS3022 Datasheet HTML 22Page - Analog Devices ADAS3022 Datasheet HTML 23Page - Analog Devices ADAS3022 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
ADAS3022
Data Sheet
Rev. A | Page 20 of 40
TERMINOLOGY
Operating Input Voltage Range
Operating input voltage range is the maximum input voltage
range, including the common-mode voltage, allowed on the
input channels IN[7:0] and COM.
Differential Input Voltage Range
Differential input voltage range is the maximum differential
full-scale input range. The value changes according to the
programmable gain setting.
Channel Off Leakage
Channel off leakage is the leakage current with the channel off.
Channel On Leakage
Channel on leakage is the leakage current with the channel on.
Charge Injection
Charge injection is a measure of the glitch impulse that is
transferred through the analog input pin into the source when
the sample is taken and/or the multiplexer is switched.
Common-Mode Rejection Ratio (CMRR)
CMRR is the ratio of the amplitude of a signal referred to input in
the converted result to the amplitude of the modulation common
to a pair of inputs and is expressed in decibels. CMRR is a measure
of the ability of the ADAS3022 to reject signals, such as power
line noise, that are common to the inputs. This specification is
for a 2 kHz sine wave of 20.48 V p-p applied to both channels of
an input pair.
Transient Response
Transient response is a measure of the time required for the
ADAS3022 to properly acquire the input after a full-scale step
function is applied to the system.
Least Significant Bit (LSB)
LSB is the smallest increment that can be represented by a
converter. For a fully differential input ADC with N bits of
resolution, the LSB expressed in volts is
N
REF
V
LSB
2
2
(V) =
Integral Nonlinearity (INL) Error
INL refers to the deviation of each individual code from a line
drawn from negative full scale to positive full scale. The point
used as negative full scale occurs ½ LSB before the first code
transition. Positive full scale is defined as a level 1½ LSB beyond
the last code transition. The deviation is measured from the
middle of each code to the true straight line (see Figure 53).
Differential Nonlinearity (DNL) Error
In an ideal ADC, code transitions are 1 LSB apart. DNL is the
maximum deviation from this ideal value. It is often specified in
terms of resolution for which no missing codes are guaranteed.
Offset Error
Offset error is the deviation of the actual MSB transition from
the ideal MSB transition point. The ideal MSB transition occurs
at an input level ½ LSB above analog ground.
Gain Error
The last transition (from 111 … 10 to 111 … 11) for an analog
voltage should occur 1½ LSB below the nominal full scale. The
gain error is the deviation expressed in LSB (or as a percentage
of the full-scale range) of the actual level of the last transition
from the ideal level after the offset error is removed. Closely
related to this parameter is the full-scale error (also expressed in
LSB or as a percentage of the full-scale range), which includes
the effects of the offset error.
Total Unadjusted Error (TUE)
TUE is the deviation of each code from an ideal transfer function
and is a combination of all error contributors, including non-
linearity, offset error, and gain error. TUE for the ADAS3022 is
expressed as the maximum deviation in LSB or as a percentage
of the full-scale range.
Aperture Delay
Aperture delay is a measure of the acquisition performance. It is
the time between the rising edge of the CNV input and the point
at which the input signal is held for a conversion.
Dynamic Range
Dynamic range is the ratio of the rms value of the full-scale signal
to the total rms noise measured with the inputs shorted together.
The value for the dynamic range is expressed in decibels.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to the
rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
Signal-to-Noise-and-Distortion Ratio (SINAD)
SINAD is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, including harmonics but excluding dc. The value for
SINAD is expressed in decibels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com