Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3022 Datasheet(PDF) 6 Page - Analog Devices

Part # ADAS3022
Description  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3022 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAS3022 Datasheet HTML 2Page - Analog Devices ADAS3022 Datasheet HTML 3Page - Analog Devices ADAS3022 Datasheet HTML 4Page - Analog Devices ADAS3022 Datasheet HTML 5Page - Analog Devices ADAS3022 Datasheet HTML 6Page - Analog Devices ADAS3022 Datasheet HTML 7Page - Analog Devices ADAS3022 Datasheet HTML 8Page - Analog Devices ADAS3022 Datasheet HTML 9Page - Analog Devices ADAS3022 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADAS3022
Data Sheet
Rev. A | Page 6 of 40
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
IVSSH
PGIA gain = 0.16
−3.0
−2.5
mA
PGIA gain = 0.2
−3.0
−2.5
mA
PGIA gain = 0.4
−3.5
−3.0
mA
PGIA gain = 0.8
−5.5
−4.5
mA
PGIA gain = 1.6
−9.5
−8.0
mA
PGIA gain = 3.2
−17.5
−15
mA
PGIA gain = 6.4
−17.5
−15
mA
All PGIA gains, PD = 1
10
µA
IAVDD
PGIA gain = 6.4, reference buffer enabled
18
21.0
mA
All other PGIA gains, reference buffer
enabled
16
19.0
mA
PGIA gain = 6.4, reference buffer disabled
14
17.5
mA
All other PGIA gains, reference buffer
disabled
12
16.0
mA
All PGIA gains, PD = 1
100
µA
IDVDD
All PGIA gains, PD = 0
2.5
3.5
mA
All PGIA gains, PD = 1
10
µA
IVIO
VIO = 3.3 V, PD = 0
0.30
1.2
mA
PD = 1
10
µA
Power Supply Sensitivity
At TA = 25°C
External reference
PGIA gain = 0.16, 0.2, 0.4, 0.8; VDDH/VSSH ± 5%
±0.5
LSB
PGIA gain = 3.2, VDDH/VSSH ± 5%
±1.0
LSB
PGIA gain = 6.4, VDDH/VSSH ± 5%
±2.0
LSB
PGIA gain = 0.16, AVDD/DVDD ± 5%
±0.6
LSB
PGIA gain = 0.2, AVDD/DVDD ± 5%
±0.8
LSB
PGIA gain = 0.4, AVDD/DVDD ± 5%
±1.0
LSB
PGIA gain = 0.8, AVDD/DVDD ± 5%
±1.5
LSB
PGIA gain = 1.6, AVDD/DVDD ± 5%
±2.0
LSB
PGIA gain = 3.2, AVDD/DVDD ± 5%
±3.5
LSB
PGIA gain = 6.4, AVDD/DVDD ± 5%
±7.0
LSB
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+85
°C
1
LSB means least significant bit and changes depending on the voltage range. See the Programmable Gain section for the LSB size.
2
The common-mode voltage (VCM) range for a PGIA gain of 0.16 or 0.2 is 0 V.
3
All ac accuracy specifications expressed in decibels are referred to a full-scale input FSR and tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
4
This is the output from the internal band gap reference.
5
There is no pipeline delay. Conversion results are available immediately after a conversion is complete.
6
The differential input common-mode voltage (VCM) range changes according to the maximum input range selected and the high voltage power supplies (VDDH and
VSSH). Note that the specified operating input voltage of any input pin requires 2.5 V of headroom from the VDDH and VSSH supplies; therefore, (VSSH + 2.5 V) ≤
INx/COM ≤ (VDDH − 2.5 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com