Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 28 Page - Analog Devices

Part # AT45DB321D
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AT45DB321D Datasheet(HTML) 28 Page - Analog Devices

Back Button AT45DB321D_12 Datasheet HTML 24Page - Analog Devices AT45DB321D_12 Datasheet HTML 25Page - Analog Devices AT45DB321D_12 Datasheet HTML 26Page - Analog Devices AT45DB321D_12 Datasheet HTML 27Page - Analog Devices AT45DB321D_12 Datasheet HTML 28Page - Analog Devices AT45DB321D_12 Datasheet HTML 29Page - Analog Devices AT45DB321D_12 Datasheet HTML 30Page - Analog Devices AT45DB321D_12 Datasheet HTML 31Page - Analog Devices AT45DB321D_12 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
28
AT45DB321D [DATASHEET]
3597R–DFLASH–11/2012
14.
Power-on/Reset State
When power is first applied to the device, or when recovering from a reset condition, the device will default to Mode 3. In
addition, the output pin (SO) will be in a high-impedance state, and a high-to-low transition on the CS pin will be required to start
a valid instruction. The mode (Mode 3 or Mode 0) will be automatically selected on every falling edge of CS by sampling the
inactive clock state.
14.1
Initial Power-up/Reset Timing Restrictions
At power-up, the device must not be selected until the supply voltage reaches VCC (min.) and a further delay of tVCSL. During
power-up, the internal power-on reset circuitry keeps the device in reset mode until VCC rises above the power-on reset
threshold value (VPOR). At this time, all operations are disabled and the device does not respond to any commands. After power-
up is applied and VCC is at the minimum operating voltage, VCC (min.), the tVCSL delay is required before the device can be
selected in order to perform a read operation.
Similarly, the tPUW delay is required after VCC rises above the power-on reset threshold value (VPOR) before the device can
perform a write (program or erase) operation. After initial power-up, the device will default to standby mode.
Table 14-1. Initial Power-up/Reset Timing Restrictions
15.
System Considerations
The RapidS serial interface is controlled by the SCK clock, SI serial input, and CS chip select pins. These signals must rise and
fall monotonically and be free from noise. Excessive noise or ringing on these pins can be misinterpreted as multiple edges and
cause improper operation of the device. The PC board traces must be kept to a minimum distance or appropriately terminated
to ensure proper operation. If necessary, decoupling capacitors can be added on these pins to provide filtering against noise
glitches.
As system complexity continues to increase, voltage regulation is becoming more important. A key element of any voltage
regulation scheme is its current sourcing capability. Like all flash memories, the peak current for a DataFlash device occurs
during the programming and erase operation. The regulator needs to supply this peak current requirement. An under-specified
regulator can cause current starvation. Besides increasing system noise, current starvation during programming or erase can
lead to improper operation and possible data corruption.
Symbol
Parameter
Min
Typ
Max
Unit
tVCSL
VCC (min.) to chip select low
70
μs
tPUW
Power-up device delay before write allowed
20
ms
VPOR
Power-on reset voltage
1.5
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com