Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 42 Page - Analog Devices

Part # AT45DB321D
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AT45DB321D Datasheet(HTML) 42 Page - Analog Devices

Back Button AT45DB321D_12 Datasheet HTML 38Page - Analog Devices AT45DB321D_12 Datasheet HTML 39Page - Analog Devices AT45DB321D_12 Datasheet HTML 40Page - Analog Devices AT45DB321D_12 Datasheet HTML 41Page - Analog Devices AT45DB321D_12 Datasheet HTML 42Page - Analog Devices AT45DB321D_12 Datasheet HTML 43Page - Analog Devices AT45DB321D_12 Datasheet HTML 44Page - Analog Devices AT45DB321D_12 Datasheet HTML 45Page - Analog Devices AT45DB321D_12 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
42
AT45DB321D [DATASHEET]
3597R–DFLASH–11/2012
Figure 23-2. Algorithm for Randomly Modifying Data
Notes: 1.
To preserve data integrity, each page of an DataFlash sector must be updated/rewritten at least once within every
20,000 cumulative page erase and program operations.
2.
A page address pointer must be maintained to indicate which page is to be rewritten. The auto page rewrite com-
mand must use the address specified by the page address pointer.
3.
Other algorithms can be used to rewrite portions of the flash array. Low-power applications may choose to wait
until 20,000 cumulative page erase and program operations have accumulated before rewriting all pages of the
sector. See application note AN-4 (“Using Serial DataFlash”) for more details.
START
Main Memory Page
to Buffer Transfer
(53h, 55h)
Increment Page
Address Pointer
(2)
Auto Page Rewrite
(2)
(58h, 59h)
END
provide address of
page to modify
If planning to modify multiple
bytes currently stored within
a page of the Flash array
Main Memory Page Program
through Buffer
(82h, 85h)
Buffer Write
(84h, 87h)
Buffer to Main
Memory Page Program
(83h, 86h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com