Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 25 Page - Analog Devices

Part # AT45DB321D
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AT45DB321D Datasheet(HTML) 25 Page - Analog Devices

Back Button AT45DB321D_12 Datasheet HTML 21Page - Analog Devices AT45DB321D_12 Datasheet HTML 22Page - Analog Devices AT45DB321D_12 Datasheet HTML 23Page - Analog Devices AT45DB321D_12 Datasheet HTML 24Page - Analog Devices AT45DB321D_12 Datasheet HTML 25Page - Analog Devices AT45DB321D_12 Datasheet HTML 26Page - Analog Devices AT45DB321D_12 Datasheet HTML 27Page - Analog Devices AT45DB321D_12 Datasheet HTML 28Page - Analog Devices AT45DB321D_12 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
25
AT45DB321D [DATASHEET]
3597R–DFLASH–11/2012
Table 13-4. Additional Commands
Table 13-5. Legacy Commands(1)
Note:
1.
These legacy commands are not recommended for new designs.
Command
Opcode
Main memory page to buffer 1 transfer
53H
Main memory page to buffer 2 transfer
55H
Main memory page to buffer 1 compare
60H
Main memory page to buffer 2 compare
61H
Auto page rewrite through buffer 1
58H
Auto page rewrite through buffer 2
59H
Deep power-down
B9H
Resume from deep power-down
ABH
Status register read
D7H
Manufacturer and device ID read
9FH
Command
Opcode
Buffer 1 read
54H
Buffer 2 read
56H
Main memory page read
52H
Continuous array read
68H
Status register read
57H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com