Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 15 Page - Analog Devices

Part # AT45DB321D
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AT45DB321D Datasheet(HTML) 15 Page - Analog Devices

Back Button AT45DB321D_12 Datasheet HTML 11Page - Analog Devices AT45DB321D_12 Datasheet HTML 12Page - Analog Devices AT45DB321D_12 Datasheet HTML 13Page - Analog Devices AT45DB321D_12 Datasheet HTML 14Page - Analog Devices AT45DB321D_12 Datasheet HTML 15Page - Analog Devices AT45DB321D_12 Datasheet HTML 16Page - Analog Devices AT45DB321D_12 Datasheet HTML 17Page - Analog Devices AT45DB321D_12 Datasheet HTML 18Page - Analog Devices AT45DB321D_12 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
15
AT45DB321D [DATASHEET]
3597R–DFLASH–11/2012
8.
Security Features
8.1
Sector Lockdown
The device incorporates a sector lockdown mechanism that allows each individual sector to be permanently locked so that it
becomes read only. This is useful for applications that require the ability to permanently protect a number of sectors against
malicious attempts at altering program code or security information. Once a sector is locked down, it can never be erased or
programmed, and it can never be unlocked.
To issue the sector lockdown command, the CS pin must first be asserted, as it would be for any other command. Once the CS
pin has been asserted, the appropriate four-byte opcode sequence must be clocked into the device in the correct order. The
four-byte opcode sequence must start with 3DH, and be followed by 2AH, 7FH, and 30H. After the last byte of the command
sequence has been clocked in, three address bytes specifying any address within the sector to be locked down must be clocked
into the device. After the last address bit has been clocked in, the CS pin must be deasserted to initiate the internally self-timed
lockdown sequence.
The lockdown sequence should take place in a maximum time of tP, during which the status register will indicate that the device
is busy. If the device is powered down before the completion of the lockdown sequence, then the lockdown status of the sector
cannot be guaranteed. In this case, it is recommended that the user read the sector lockdown register to determine the status of
the appropriate sector lockdown bits or bytes and reissue the sector lockdown command, if necessary.
Table 8-1.
Sector Lockdown
Figure 8-1. Sector Lockdown
8.1.1
Sector Lockdown Register
The nonvolatile sector lockdown register contains 64 bytes of data, as shown below:
Table 8-2.
Sector Lockdown Register
Table 8-3.
Sector 0 (0a, 0b)
Command
Byte 1
Byte 2
Byte 3
Byte 4
Sector lockdown
3DH
2AH
7FH
30H
Opcode
byte 1
Opcode
byte 2
Opcode
byte 3
Opcode
byte 4
CS
Address
bytes
Address
bytes
Address
bytes
Each transition
represents 8 bits
SI
Sector Number
0 (0a, 0b)
1 to 63
Locked
See Table 8-3
FFH
Unlocked
00H
0a
(Pages 0-7)
Bit 7, 6
0b
(Pages 8-127)
Bit 5, 4
Bit 3, 2
Bit 1, 0
Data
Value
Sectors 0a, 0b unlocked
00
00
00
00
00H
Sector 0a locked (pages 0-7)
11
00
00
00
C0H
Sector 0b locked (pages 8-127)
00
11
00
00
30H
Sectors 0a, 0b locked (pages 0-127)
11
11
00
00
F0H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com